Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBC005-BDC-WP Datasheet(PDF) 10 Page - Cymbet Corporation

Part # CBC005-BDC-WP
Description  Rechargeable Solid State Bare Die Batteries
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC005-BDC-WP Datasheet(HTML) 10 Page - Cymbet Corporation

Back Button CBC005-BDC-WP Datasheet HTML 5Page - Cymbet Corporation CBC005-BDC-WP Datasheet HTML 6Page - Cymbet Corporation CBC005-BDC-WP Datasheet HTML 7Page - Cymbet Corporation CBC005-BDC-WP Datasheet HTML 8Page - Cymbet Corporation CBC005-BDC-WP Datasheet HTML 9Page - Cymbet Corporation CBC005-BDC-WP Datasheet HTML 10Page - Cymbet Corporation CBC005-BDC-WP Datasheet HTML 11Page - Cymbet Corporation CBC005-BDC-WP Datasheet HTML 12Page - Cymbet Corporation CBC005-BDC-WP Datasheet HTML 13Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
EnerChip™ Bare Die Batteries
©2016 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-41 Rev06
Page 10 of 13
Preliminary
BARE DIE TEMPERATURE GUIDELINES
Temperature Guidelines:
• Operating temperature (charged): -40°C to +70°C.
• Storage temperature (uncharged): -40°C to +125°C.
• Bare die assembly process temperatures: Do not exceed +200°C for duration consistent with die attach,
wire bond & mold compound cure periods.
BARE DIE ENCAPSULATION AND UNDERFILL GUIDELINES
EnerChip die undergo a minute amount of expansion and contraction when being charged and discharged.
Consequently, it is important to not encapsulate the die with overly compressive or rigid materials. Similarly,
application of rigid epoxy underfill compounds between a flip-chipped die and printed circuit board material is
discouraged.
If applying a protective overcoat on the die, Cymbet recommends either of the following silicone encapsulants,
applied at a minimum thickness of 100 microns:
Q1-4939
Q3-6646
Both materials are products from Dow Corning.
Contact Cymbet Applications Engineering to discuss any encapsulation or underfill requirements.
IN-CIRCUIT TESTING OF ENERCHIPS
Once the EnerChip has been assembled in system, it may be charged. If in-circuit testing is to be done for
purposes of testing the EnerChip itself or other circuitry on the board, the following guidelines should be
observed:
• Never apply a voltage outside the rated charge or discharge voltage range as specified in the respective
EnerChip data sheet.
• As with all batteries, the EnerChip has an inherent internal resistance. Never force a current into or out
of the EnerChip that would result in the battery voltage rising above or falling below a voltage outside the
rated charge or discharge voltage range as specified in the data sheet.
• Once the EnerChip has been charged - partially or fully - do not store or operate the EnerChip outside of the
operating temperature range as specified in the data sheet.
Please contact Cymbet Applications Engineering to discuss In-Circuit and System Testing when using
EnerChip Bare Die.
All customer applications are uinque and the EnerChip testing techniques may vary
between different end-user products. Please use the Cymbet.com Support Form or call +1-763-633-1780.


Similar Part No. - CBC005-BDC-WP

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC005-BDC-WP CYMBET-CBC005-BDC-WP Datasheet
369Kb / 3P
   Rechargeable Energy Storage Device: 5Ah, 3.8V
More results

Similar Description - CBC005-BDC-WP

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B73180A0101M062 TDK-B73180A0101M062 Datasheet
151Kb / 2P
   SMD Solid-State Batteries
April 06, 2022
logo
Panasonic Battery Group
NBL414 PANASONICBATTERY-NBL414 Datasheet
26Kb / 1P
   Niobium-Lithium Rechargeable Batteries
logo
Cymbet Corporation
CBC012 CYMBET-CBC012 Datasheet
695Kb / 5P
   Rechargeable Solid State Energy Storage: 12uAh, 3.8V
CBC050 CYMBET-CBC050 Datasheet
1,001Kb / 4P
   Rechargeable Solid State Energy Storage: 50uAh, 3.8V
DS-72-02 CYMBET-DS-72-02 Datasheet
679Kb / 5P
   Rechargeable Solid State Energy Storage: 12uAh, 3.8V
logo
Panasonic Battery Group
MT621 PANASONICBATTERY-MT621 Datasheet
37Kb / 1P
   Manganese Titanium Lithium Rechargeable Batteries
MT516 PANASONICBATTERY-MT516 Datasheet
27Kb / 1P
   Manganese Titanium Lithium Rechargeable Batteries
logo
List of Unclassifed Man...
ML2016 ETC2-ML2016 Datasheet
134Kb / 4P
   Lithium Manganese Dioxide Rechargeable Batteries
logo
Silicon Supplies
BC546 SS-BC546 Datasheet
362Kb / 4P
   NPN Transistor Bare Die
2N3799 SS-2N3799 Datasheet
256Kb / 3P
   PNP Transistor Bare Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com