Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBC34813-M5C-TR1 Datasheet(PDF) 4 Page - Cymbet Corporation

Part # CBC34813-M5C-TR1
Description  SPI Real-Time Clock/Calendar with Integrated Backup Power
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC34813-M5C-TR1 Datasheet(HTML) 4 Page - Cymbet Corporation

  CBC34813-M5C-TR1 Datasheet HTML 1Page - Cymbet Corporation CBC34813-M5C-TR1 Datasheet HTML 2Page - Cymbet Corporation CBC34813-M5C-TR1 Datasheet HTML 3Page - Cymbet Corporation CBC34813-M5C-TR1 Datasheet HTML 4Page - Cymbet Corporation CBC34813-M5C-TR1 Datasheet HTML 5Page - Cymbet Corporation CBC34813-M5C-TR1 Datasheet HTML 6Page - Cymbet Corporation CBC34813-M5C-TR1 Datasheet HTML 7Page - Cymbet Corporation CBC34813-M5C-TR1 Datasheet HTML 8Page - Cymbet Corporation CBC34813-M5C-TR1 Datasheet HTML 9Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CBC34813 EnerChip™ RTC
©2014-2015 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-38 V.07
Page 4 of 18
Preliminary
Absolute Maximum Ratings
PARAMETER
CONDITION
MIN
TYPICAL
MAX
UNITS
Self-Discharge (5 yr. average)
Non-recoverable
-
2.5
-
% per year
Recoverable
-
1.5(1)
-
% per year
Operating Temperature
-
-10
25
+70
°C
Storage Temperature
-
-40
-
+125 (2)
°C
Recharge Cycles
(to 80% of rated
capacity)
25°C
10% depth-of-discharge
5000
-
-
cycles
50% depth-of discharge
1000
-
-
cycles
40°C
10% depth-of-discharge
2500
-
-
cycles
50% depth-of-discharge
500
-
-
cycles
Recharge Time (to 80% of rated
capacity; 4.1V charge; 25°C)
Charge cycle 2
-
11
22
minutes
Charge cycle 1000
-
45
70
Capacity
40nA discharge; 25°C
5
-
-
µAh
(1) First month recoverable self-discharge is 5% average.
(2) Storage temperature is for uncharged EnerChip CC device.
Note: All specifications contained within this document are subject to change without notice.
PARAMETER / PIN
CONDITION
MIN
TYPICAL
MAX
UNITS
VDD with respect to GND
25°C
GND - 0.3
-
3.6
V
ENABLE Input Voltage
25°C
GND - 0.3
-
VDD+0.3
V
VEC (1)
25°C
3.0
-
4.15
V
VCHG (1)
25°C
3.0
-
4.15
V
RESET Output Voltage
25°C
GND - 0.3
-
2.7
V
VOUT
25°C
GND - 0.3
-
3.6
V
XI, XO, SDI, SDO, SCL, nCE, AF, FOUT/
nIRQ, nIRQ2
See Ambiq Micro AM0813 Data Sheet
Integrated EnerChip Thin Film Battery Operating Characteristics
(1) No external connections to these pins are allowed, except parallel EnerChips for extended backup time.


Similar Part No. - CBC34813-M5C-TR1

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC34813-M5C-TR1 CYMBET-CBC34813-M5C-TR1 Datasheet
981Kb / 9P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
CBC34813-M5C-TR1 CYMBET-CBC34813-M5C-TR1 Datasheet
280Kb / 7P
   Using CBC348xx EnerChip RTC in High Accuracy Applications
CBC34813-M5C-TR1 CYMBET-CBC34813-M5C-TR1 Datasheet
326Kb / 5P
   Extend Battery Life by Reducing System Power using the EnerChip RTC
More results

Similar Description - CBC34813-M5C-TR1

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
DS-72-31 CYMBET-DS-72-31 Datasheet
1Mb / 14P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
CBC34813 CYMBET-CBC34813 Datasheet
981Kb / 9P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
CBC34123 CYMBET-CBC34123 Datasheet
480Kb / 9P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
DS-72-34 CYMBET-DS-72-34 Datasheet
1Mb / 18P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
CBC34803 CYMBET-CBC34803 Datasheet
511Kb / 9P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
logo
NXP Semiconductors
PCA2125 NXP-PCA2125 Datasheet
1Mb / 40P
   SPI Real time clock / calendar
Rev.00.11-30 January 2007
PCF2123 NXP-PCF2123 Datasheet
239Kb / 54P
   SPI Real time clock/calendar
Rev. 01-19 November 2008
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
   SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCF2123 NXP-PCF2123_09 Datasheet
1Mb / 55P
   SPI Real time clock/calendar
Rev. 02-4 December 2009
logo
Micro Analog systems
MCP795WXX MAS-MCP795WXX Datasheet
969Kb / 54P
   SPI Real-Time Clock Calendar
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com