Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBC34803-M5C-TR1 Datasheet(PDF) 7 Page - Cymbet Corporation

Part # CBC34803-M5C-TR1
Description  I2C Real-Time Clock/Calendar with Integrated Backup Power
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC34803-M5C-TR1 Datasheet(HTML) 7 Page - Cymbet Corporation

Back Button CBC34803-M5C-TR1 Datasheet HTML 3Page - Cymbet Corporation CBC34803-M5C-TR1 Datasheet HTML 4Page - Cymbet Corporation CBC34803-M5C-TR1 Datasheet HTML 5Page - Cymbet Corporation CBC34803-M5C-TR1 Datasheet HTML 6Page - Cymbet Corporation CBC34803-M5C-TR1 Datasheet HTML 7Page - Cymbet Corporation CBC34803-M5C-TR1 Datasheet HTML 8Page - Cymbet Corporation CBC34803-M5C-TR1 Datasheet HTML 9Page - Cymbet Corporation CBC34803-M5C-TR1 Datasheet HTML 10Page - Cymbet Corporation CBC34803-M5C-TR1 Datasheet HTML 11Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CBC34803 EnerChip™ RTC
©2014-2015 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-34 V.20
Page 7 of 18
Preliminary
Functional Description of Integrated AM0803 Real-Time Clock
The AM0803 serves as a full function RTC for host processors such as microcontrollers. The AM0803 includes 3
distinct feature groups: 1) baseline timekeeping features with 32.768 kHz oscillator and 2) advanced
timekeeping features, and 3) basic power management features. Functions from each feature group may be
controlled via memory mapped registers. These registers are accessed using either an I2C serial interface (e.g.,
in the AM0803) or a SPI serial interface (e.g., in the AM0813). For more information on the AM0803, see here:
http://www.cymbet.com/pdfs/AM08XX_Data_Sheet_DS0002V1p0.pdf.
Low Power Operation
Minimum power operation will be achieved by turning off the CBC34803 charge pump in the power management
circuit by driving ENABLE (pin 15) low once the internal EnerChip has been charged - typically one hour to full
charge at room temperature.
The RTC has 3 low power modes, allowing the designer to make appropriate tradeoffs between power
consumption and timing accuracy. Operating current drawn by the internal RTC is as follows:
~15 nA with RC oscillator (+/- 1% timing accuracy)
~22 nA with RC oscillator and autocalibration (3-35ppm timing accuracy depending on run time)
~58 nA with crystal oscillator (+/- 2ppm timing accuracy after calibration at 25 °C)
In addition to the RTC current, the internal power management circuit typically draws 20-25nA from the EnerChip
storage device at room temperature.
The following table provides typical run times of the CBC34803 in backup mode over temperature.
Important Reference Documents for Design Information
• For complete specifications of the integrated Ambiq Micro AM0803 Real-Time Clock, see here:
http://www.cymbet.com/products/enerchip-real-time-clocks.php
• For complete specifications of the Cymbet 5µAh EnerChip and integrated power management circuit, see
this datasheet: http://www.cymbet.com/pdfs/DS-72-41.pdf .
• For an understanding of the tradeoffs in power consumption and timing accuracy when selecting a crystal
oscillator, see Application Note AN-1058 at http://www.cymbet.com/pdfs/AN-1058.pdf .
Table 1: CBC34803 Backup Run Times at various RTC Modes and Temperatures


Similar Part No. - CBC34803-M5C-TR1

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC34803-M5C-TR1 CYMBET-CBC34803-M5C-TR1 Datasheet
511Kb / 9P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
CBC34803-M5C-TR1 CYMBET-CBC34803-M5C-TR1 Datasheet
280Kb / 7P
   Using CBC348xx EnerChip RTC in High Accuracy Applications
CBC34803-M5C-TR1 CYMBET-CBC34803-M5C-TR1 Datasheet
326Kb / 5P
   Extend Battery Life by Reducing System Power using the EnerChip RTC
More results

Similar Description - CBC34803-M5C-TR1

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC34803 CYMBET-CBC34803 Datasheet
511Kb / 9P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
DS-72-31 CYMBET-DS-72-31 Datasheet
1Mb / 14P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
CBC34813 CYMBET-CBC34813 Datasheet
981Kb / 9P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
CBC34123 CYMBET-CBC34123 Datasheet
480Kb / 9P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
DS-72-38 CYMBET-DS-72-38 Datasheet
1Mb / 18P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
logo
Intersil Corporation
ISL1208 INTERSIL-ISL1208 Datasheet
393Kb / 21P
   I2C Real Time Clock/Calendar
logo
HAOYU MICROELECTRONIC.,...
HYM8563 HAOYU-HYM8563 Datasheet
166Kb / 12P
   I2C Real Time Clock/Calendar
logo
Intersil Corporation
ISL12008 INTERSIL-ISL12008 Datasheet
293Kb / 19P
   I2C Real Time Clock with Battery Backup
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
   Real-Time Clock/Calendar with I2C Bus and EEPROM
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com