Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBC34803-M5C-TR1 Datasheet(PDF) 6 Page - Cymbet Corporation

Part # CBC34803-M5C-TR1
Description  I2C Real-Time Clock/Calendar with Integrated Backup Power
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC34803-M5C-TR1 Datasheet(HTML) 6 Page - Cymbet Corporation

Back Button CBC34803-M5C-TR1 Datasheet HTML 2Page - Cymbet Corporation CBC34803-M5C-TR1 Datasheet HTML 3Page - Cymbet Corporation CBC34803-M5C-TR1 Datasheet HTML 4Page - Cymbet Corporation CBC34803-M5C-TR1 Datasheet HTML 5Page - Cymbet Corporation CBC34803-M5C-TR1 Datasheet HTML 6Page - Cymbet Corporation CBC34803-M5C-TR1 Datasheet HTML 7Page - Cymbet Corporation CBC34803-M5C-TR1 Datasheet HTML 8Page - Cymbet Corporation CBC34803-M5C-TR1 Datasheet HTML 9Page - Cymbet Corporation CBC34803-M5C-TR1 Datasheet HTML 10Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CBC34803 EnerChip™ RTC
©2014-2015 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-34 V.20
Page 6 of 18
Preliminary
CHARGE PUMP CHARACTERISTICS (PERTAINS TO INTEGRATED CBC910 POWER MANAGEMENT CIRCUIT)
VDD = 2.5V to 5.5V, Ta = -20ºC to +70ºC
CHARACTERISTIC
SYMBOL
CONDITION
MIN
MAX
UNITS
ENABLE=VDD to Charge
Pump Active
tCPON
ENABLE to 3rd charge pump
pulse, VDD=3.3V
60
80
µs
ENABLE Falling to
Charge Pump Inactive
tCPOFF
-
0
1
µs
Charge Pump Frequency
fCP
-
120
KHz (1)
Charge Pump
Resistance
RCP
Delta VBAT, for IBAT charging
current of 1µA to 100µA
CFLY=0.1µF, CBAT=1.0µF
150
300
VCHG Output Voltage
VCP
CFLY=0.1µF, CBAT=1.0µF,
IOUT=1µA, Temp=+25ºC
4.065
4.150
V
VCHG Temp. Coefficient
TCCP
IOUT=1µA, Temp=+25ºC
-2.0
-2.4
mV/ºC
Charge Pump Current
Drive
ICP
IBAT=1mA
CFLY=0.1µF, CBAT=1.0µF
1.0
-
mA
Charge Pump on Voltage
VENABLE
ENABLE=VDD
2.5
-
V
(1) fCP = 1/tCPPER
ADDITIONAL CHARACTERISTICS
Ta = -20ºC to +70ºC
CHARACTERISTIC
SYMBOL
CONDITION
LIMITS
UNITS
MIN
MAX
VBAT Cutoff Threshold
VBATCO
IOUT=1µA
2.75
3.25
V
Cutoff Temp. Coefficient
TCCO
-
+1
+2
mV/ºC
VBAT Cutoff Delay Time
tCOOFF
VBAT from 40mV above to
20mV below VBATCO
IOUT=1µA
18
-
ms
Note: All specifications contained within this document are subject to change without notice


Similar Part No. - CBC34803-M5C-TR1

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC34803-M5C-TR1 CYMBET-CBC34803-M5C-TR1 Datasheet
511Kb / 9P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
CBC34803-M5C-TR1 CYMBET-CBC34803-M5C-TR1 Datasheet
280Kb / 7P
   Using CBC348xx EnerChip RTC in High Accuracy Applications
CBC34803-M5C-TR1 CYMBET-CBC34803-M5C-TR1 Datasheet
326Kb / 5P
   Extend Battery Life by Reducing System Power using the EnerChip RTC
More results

Similar Description - CBC34803-M5C-TR1

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC34803 CYMBET-CBC34803 Datasheet
511Kb / 9P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
DS-72-31 CYMBET-DS-72-31 Datasheet
1Mb / 14P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
CBC34813 CYMBET-CBC34813 Datasheet
981Kb / 9P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
CBC34123 CYMBET-CBC34123 Datasheet
480Kb / 9P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
DS-72-38 CYMBET-DS-72-38 Datasheet
1Mb / 18P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
logo
Intersil Corporation
ISL1208 INTERSIL-ISL1208 Datasheet
393Kb / 21P
   I2C Real Time Clock/Calendar
logo
HAOYU MICROELECTRONIC.,...
HYM8563 HAOYU-HYM8563 Datasheet
166Kb / 12P
   I2C Real Time Clock/Calendar
logo
Intersil Corporation
ISL12008 INTERSIL-ISL12008 Datasheet
293Kb / 19P
   I2C Real Time Clock with Battery Backup
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
   Real-Time Clock/Calendar with I2C Bus and EEPROM
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com