Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBC3105-R4C-TR5 Datasheet(PDF) 3 Page - Cymbet Corporation

Part # CBC3105-R4C-TR5
Description  EnerChip CC with Integrated Power Management
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC3105-R4C-TR5 Datasheet(HTML) 3 Page - Cymbet Corporation

  CBC3105-R4C-TR5 Datasheet HTML 1Page - Cymbet Corporation CBC3105-R4C-TR5 Datasheet HTML 2Page - Cymbet Corporation CBC3105-R4C-TR5 Datasheet HTML 3Page - Cymbet Corporation CBC3105-R4C-TR5 Datasheet HTML 4Page - Cymbet Corporation CBC3105-R4C-TR5 Datasheet HTML 5Page - Cymbet Corporation CBC3105-R4C-TR5 Datasheet HTML 6Page - Cymbet Corporation CBC3105-R4C-TR5 Datasheet HTML 7Page - Cymbet Corporation CBC3105-R4C-TR5 Datasheet HTML 8Page - Cymbet Corporation CBC3105-R4C-TR5 Datasheet HTML 9Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EnerChip CC CBC3105
©2012-2014 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-21 Rev G
Page 3 of 12
Preliminary
Pin Number(s)
Label
Description
1
VBAT-
Negative EnerChip Terminal - Tie to System Ground
2
NC
No Connection
3
VMODE
Mode Select for Backup Switchover Threshold
4
GND
System Ground
5
VOUT
System Voltage
6
CP
Flying Capacitor Positive
7
CN
Flying Capacitor Negative
8
NC
No Connection
9
RESET
Reset Signal (Active Low)
10
ENABLE
Charge Pump Enable
11
NC
No Connection
12
VDD
Input Voltage
13
NC
No Connection
14
VCHG
EnerChip Charge Voltage - Tie to Pin 16 and/or Optional EnerChip(s)
15
NC
No Connection
16
VBAT+
Positive EnerChip Terminal - Tie to Pin 14
CBC3105-R4C Input/Ouput Descriptions
Figure 3: EnerChip CC CBC3105 Package Pin-Out
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
VBAT-
NC
VMODE
GND
VOUT
CP
CN
NC
VBAT+
NC
VCHG
NC
VDD
NC
ENABLE
RESET/
Top View
Soldering, Rework, and Electrical Test
Refer to the Cymbet User Manual AN-1026 for soldering, rework, and replacement of the EnerChip on printed
circuit boards, and for instructions on in-circuit electrical testing of the EnerChip.
Handling EnerChips as MSL 3 Devices
EnerChip CBC050 devices are rated Moisture Sensitivity Level 3 and must be mounted and reflowed within 168
hours of being removed from the moisture barrier antistatic bag.


Similar Part No. - CBC3105-R4C-TR5

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC3105-R4C-TR5 CYMBET-CBC3105-R4C-TR5 Datasheet
1Mb / 12P
   EnerChip CC with Integrated Power Management
CBC3105-R4C-TR5 CYMBET-CBC3105-R4C-TR5 Datasheet
229Kb / 3P
   Capacitance to EnerChip Battery Charge Conversion Guide
More results

Similar Description - CBC3105-R4C-TR5

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC3105 CYMBET-CBC3105 Datasheet
1Mb / 12P
   EnerChip CC with Integrated Power Management
CBC3112 CYMBET-CBC3112 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
DS-72-04 CYMBET-DS-72-04 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
CBC3150-D9C CYMBET-CBC3150-D9C Datasheet
1Mb / 15P
   EnerChip CC with Integrated Power Management
CBC3150 CYMBET-CBC3150 Datasheet
935Kb / 16P
   EnerChip CC with Integrated Power Management
CBC3112-D7C CYMBET-CBC3112-D7C Datasheet
1Mb / 15P
   EnerChip CC with Integrated Power Management
AN-1041 CYMBET-AN-1041 Datasheet
292Kb / 3P
   EnerChip CC Li-Ion Battery Charger with Integrated Energy Storage
CBC-EVAL-05B CYMBET-CBC-EVAL-05B Datasheet
817Kb / 7P
   EnerChip CC Evaluation Kit
CBC-EVAL-10 CYMBET-CBC-EVAL-10 Datasheet
1Mb / 15P
   EnerChip??CC Energy Harvester Evaluation Kit
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
1Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com