Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS-72-14 Datasheet(PDF) 2 Page - Cymbet Corporation

Part # DS-72-14
Description  EnerChip??CC Inductive Charging Evaluation Kit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

DS-72-14 Datasheet(HTML) 2 Page - Cymbet Corporation

  DS-72-14 Datasheet HTML 1Page - Cymbet Corporation DS-72-14 Datasheet HTML 2Page - Cymbet Corporation DS-72-14 Datasheet HTML 3Page - Cymbet Corporation DS-72-14 Datasheet HTML 4Page - Cymbet Corporation DS-72-14 Datasheet HTML 5Page - Cymbet Corporation DS-72-14 Datasheet HTML 6Page - Cymbet Corporation DS-72-14 Datasheet HTML 7Page - Cymbet Corporation DS-72-14 Datasheet HTML 8Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EnerChip™ CC Inductive Charging Evaluation Kit
©2012-2014 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-14 Rev D
Page 2 of 8
System Description
CBC-EVAL-11 (Figure 3) is an inductive RF charger for the CBC3150 with integrated energy storage
management and energy harvesting emulation. The CBC-EVAL-11 system consists of an inductive wireless
transmitter module tuned to a frequency of 13.56MHz and an inductive wireless charger (receiver) module.
The transmitter module is designed to be powered by a computer USB port as shown in Figure 4.
The wireless inductive charger module consists of a planar inductor fabricated on the printed circuit board
in parallel with a variable capacitor. This circuit forms a resonant tank circuit tuned to a frequency of 13.56
MHz, which in turn feeds the AC input of a full-wave bridge rectifier. The DC output of the rectifier is filtered
by a capacitor and clamped by a Zener diode. The DC output is then regulated by a linear regulator to 3.3V
and fed to the input of the Cymbet CBC3150. The CBC3150 has a power management circuit and a 50µAh
thin film EnerChip rechargeable cell. When the CBC-EVAL-11 receiver antenna is placed near a magnetic field
at a frequency of 13.56MHz, and if the voltage at the CBC3150 VDD pin is greater than 3.0V, the CBC3150
will route the harvested power directly to the energy harvesting connectors. In this mode of operation the
CBC3150’s RESET/ line will be high, the LED will be illuminated, and the CHARGE/ indicator on the energy
harvesting connectors will be low. In this mode, the integrated EnerChip solid state energy storage device will
charge from a completely depleted state to 80% of full charge within 30 minutes. When the CBC-EVAL-11 unit is
removed from the magnetic field and the input voltage to the CBC3150 drops below 3.0V, the RESET/ line will
go low, the LED will be off, and EnerChip power will be routed to the energy harvesting connector. The CHARGE/
indicator on the energy harvesting connectors will be forced high. For additional energy storage capacity, up to
9 additional CBC050 EnerChip storage devices may be connected to the VBAT pin of the CBC3150.
A second handshake line on the energy harvesting connector - BATOFF - is an input that can be used by the
application controller to disable the CBC3150 energy storage charging circuitry. When the BATOFF line is
driven high, the ENABLE input on the CBC3150 will be driven low, disabling the energy storage device charger
circuits. This feature promotes a long service life of the EnerChip by removing the charging voltage from the
EnerChip terminals when the EnerChip is fully charged. Due to the low self-discharge of the EnerChip, it is not
necessary to constantly charge the cell when not in use. With the functions and connector pins available on the
CBC-EVAL-11, an external load such as a radio and microcontroller (MCU) can be powered when in inductive
charging mode, or directly from the CBC3150 EnerChip CC device on the CBC-EVAL-11 receiver board. For
example, the radio/MCU board illustrated in Figure 3 is a wireless end device available from Texas Instruments,
as part of the eZ430-RF2500-SEH MSP430 Solar Energy Harvesting Development Tool. Other low power
radios and MCUs can also be connected to either the 6-pin right-angle connector, or the 5-pin straight header
connector on the CBC-EVAL-11 receiver board.
Note: The shorting jumper provided with the wireless charger (receiver) board should be placed across pins
1 and 2 of the 3-pin header. This connects the CBC3150 charge pump output (VCHG) to the positive terminal
of the EnerChip (VBAT) to allow the EnerChip to charge when input power is available to the CBC3150. Do not
place the shorting jumper across pins 2 and 3 of the 3-pin header. Pin 1 is indicated by the square solder pad
on the bottom of the receiver board. Also, the J5 silkscreen label on the top of the board is adjacent to pin 1.
The output of the CBC3150 is filtered by a 1000µF capacitor. This value of capacitor is only needed for
applications that require high pulse currents such as a ZigBee radio. A short tutorial on specifying output
capacitance for a given pulse current is given at the end of this section. A full Application Note on this topic -
AN-1025: Using the EnerChip in Pulse Current Applications - is available from Cymbet.
The wireless inductive transmitter (Figure 5) consists of a DC-DC converter to boost the 5VDC input to 9V. A
crystal oscillator is used to generate a 13.56MHz clock, which in turn is used to drive several buffers and a
transistor driver that drives a planar inductor and series capacitor, forming a series resonate tank circuit tuned
to a frequency of 13.56MHz.
Specifications for the EnerChip embedded in the EnerChip CC CBC3150 are given in the table below. Full
specifications for the EnerChip CC CBC3150 are available at www.cymbet.com.


Similar Part No. - DS-72-14

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
DS-72-11 CYMBET-DS-72-11 Datasheet
608Kb / 14P
   Charge Pump and Battery Management ASIC Bare Die
More results

Similar Description - DS-72-14

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
1Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
CBC-EVAL-11 CYMBET-CBC-EVAL-11_12 Datasheet
1Mb / 8P
   EnerChip CC Inductive Charging Evaluation Kit
CBC-EVAL-05B CYMBET-CBC-EVAL-05B Datasheet
817Kb / 7P
   EnerChip CC Evaluation Kit
CBC-EVAL-10 CYMBET-CBC-EVAL-10 Datasheet
1Mb / 15P
   EnerChip??CC Energy Harvester Evaluation Kit
CBC-EVAL-05 CYMBET-CBC-EVAL-05 Datasheet
795Kb / 4P
   EnerChip??CC CBC3112 & CBC3150 Evaluation Kit
DS-72-40 CYMBET-DS-72-40 Datasheet
2Mb / 17P
   EnerChip??CC Energy Harvester Evaluation Kit
CBC-EVAL-06 CYMBET-CBC-EVAL-06 Datasheet
1Mb / 11P
   EnerChip??CC Real-Time Clock Evaluation Kit
DS-72-35 CYMBET-DS-72-35 Datasheet
4Mb / 14P
   EnerChip??RTC Evaluation Kit
DS-72-37 CYMBET-DS-72-37 Datasheet
4Mb / 14P
   EnerChip??RTC Evaluation Kit
DS-72-39 CYMBET-DS-72-39 Datasheet
4Mb / 14P
   EnerChip??RTC Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com