Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS-72-11 Datasheet(PDF) 4 Page - Cymbet Corporation

Part # DS-72-11
Description  Charge Pump and Battery Management ASIC Bare Die
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

DS-72-11 Datasheet(HTML) 4 Page - Cymbet Corporation

  DS-72-11 Datasheet HTML 1Page - Cymbet Corporation DS-72-11 Datasheet HTML 2Page - Cymbet Corporation DS-72-11 Datasheet HTML 3Page - Cymbet Corporation DS-72-11 Datasheet HTML 4Page - Cymbet Corporation DS-72-11 Datasheet HTML 5Page - Cymbet Corporation DS-72-11 Datasheet HTML 6Page - Cymbet Corporation DS-72-11 Datasheet HTML 7Page - Cymbet Corporation DS-72-11 Datasheet HTML 8Page - Cymbet Corporation DS-72-11 Datasheet HTML 9Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CBC910
©2012-2014 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-11 Rev A
Page 4 of 14
Absolute Maximum Ratings
PARAMETER
CONDITION
MIN
TYPICAL
MAX
UNITS
Output Voltage VOUT
VDD > VTH
-
VDD
-
V
Operating Temperature
-
-40
25
85
°C
Storage Temperature
-
-40
-
+125 (2)
°C
Note: All specifications contained within this document are subject to change without notice.
PARAMETER
CONDITION
MIN
TYPICAL
MAX
UNITS
VDD with respect to GND
25°C
GND - 0.3
-
6.0
V
ENABLE and VMODE Input Voltage
25°C
GND - 0.3
-
VDD+0.3
V
VBAT (1)
25°C
3.0
-
4.3
V
VOUT
25°C
GND-0.3
-
6.0
V
RESET Output Voltage
25°C
GND - 0.3
-
VOUT+0.3
V
CP, Flying Capacitor Voltage
25°C
GND - 0.3
-
6.0
V
CN
25°C
GND - 0.3
-
VDD+0.3
V
Operating Characteristics
(1) No external connections to this pin is allowed, except rechargeable batteries requiring a 4.1V charge voltage.


Similar Part No. - DS-72-11

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
DS-72-14 CYMBET-DS-72-14 Datasheet
2Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
More results

Similar Description - DS-72-11

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC910 CYMBET-CBC910 Datasheet
685Kb / 14P
   Charge Pump and Battery Management ASIC
logo
National Semiconductor ...
LP3918 NSC-LP3918 Datasheet
1Mb / 30P
   Battery Charge Management and Regulator Unit
logo
Texas Instruments
LP3918 TI1-LP3918 Datasheet
909Kb / 39P
[Old version datasheet]   Battery Charge Management and Regulator Unit
logo
National Semiconductor ...
LP3945 NSC-LP3945 Datasheet
337Kb / 15P
   Battery Charge Management System
logo
Shenzhen Huazhimei Semi...
HM5065 HMSEMI-HM5065 Datasheet
1Mb / 13P
   battery charge management chip
HM4205 HMSEMI-HM4205 Datasheet
637Kb / 9P
   Solar lithium battery charge and discharge management chip
logo
SHENZHEN FUMAN ELECTRON...
LTH7R FUMAN-LTH7R Datasheet
336Kb / 5P
   Charge and Charge Management IC
TC9016 FUMAN-TC9016 Datasheet
322Kb / 5P
   Charge and Charge Management IC
LTH7S FUMAN-LTH7S Datasheet
333Kb / 5P
   Charge and Charge Management IC
logo
Texas Instruments
BQ25120 TI1-BQ25120_16 Datasheet
2Mb / 68P
[Old version datasheet]   Highly Integrated Battery Charge Management Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com