Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9725BSV Datasheet(PDF) 10 Page - Analog Devices

Part # AD9725BSV
Description  14-Bit, 600 MSPS D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9725BSV Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9725BSV Datasheet HTML 6Page - Analog Devices AD9725BSV Datasheet HTML 7Page - Analog Devices AD9725BSV Datasheet HTML 8Page - Analog Devices AD9725BSV Datasheet HTML 9Page - Analog Devices AD9725BSV Datasheet HTML 10Page - Analog Devices AD9725BSV Datasheet HTML 11Page - Analog Devices AD9725BSV Datasheet HTML 12Page - Analog Devices AD9725BSV Datasheet HTML 13Page - Analog Devices AD9725BSV Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD9725
Preliminary Technical Data
Rev. PrA | Page 10 of 16
SYNCUPD
1
1
0
0: Data synchronization complete
1: Initiate data synchronization
SYNCALRM
0
0
0
0: Data synchronizer does not require updating
1: Data synchronizer requires updating
VERSION(0D)
VERSION[3:0]
[3:0]
0
Hardware version identifier
CALMEMCK(0E)
CALMEM
[5:4]
0
00
Calibration memory
00: Uncalibrated
01: Self calibration
10: Factory calibration
11: User input
CALCKDIV
[2:0]
1
000
Calibration clock divide ratio from channel data rate
000:/32
001:/64
110:/2048
111:/4096
MEMRDWR(0F)
CALSTAT
7
0
0
0: Self Calibration cycle not complete
1: Self Calibration cycle complete
CALEN
6
1
0
1: Self Calibration in progress
XFERSTAT
5
0
0
0: Factory memory transfer not complete
1: Factory memory transfer complete
XFEREN
4
1
0
1: Factory memory transfer in progress
SMEMWR
3
1
0
1: Write static memory data from external port
SMEMRD
2
1
0
1: Read static memory to external port
FMEMRD
1
1
0
1: Read factory memory data to external port
UNCAL
0
1
0
1: Use uncalibrated
MEMADDR(10)
MEMADDR
[7:0]
I/O
00000000
Address of factory or static memory to be accessed
MEMDATA(11)
MEMDATA
[5:0]
I/O
000000
Data for factory or static memory access
1: External reference


Similar Part No. - AD9725BSV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9725 AD-AD9725_15 Datasheet
273Kb / 16P
   14-Bit, 600 MSPS D/A Converter
Rev. PrA
More results

Similar Description - AD9725BSV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9725 AD-AD9725_15 Datasheet
273Kb / 16P
   14-Bit, 600 MSPS D/A Converter
Rev. PrA
AD9726 AD-AD9726 Datasheet
613Kb / 24P
   16-Bit, 600 MSPS D/A Converter
REV. A
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
AD9444 AD-AD9444 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
AD9444 AD-AD9444_15 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
AD9444 AD-AD9444_17 Datasheet
999Kb / 41P
   14-Bit, 80 MSPS, A/D Converter
logo
Intersil Corporation
HI5905 INTERSIL-HI5905 Datasheet
108Kb / 11P
   14-Bit, 5 MSPS A/D Converter
logo
Analog Devices
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6645 AD-AD6645_15 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com