Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTP83016BT24 Datasheet(PDF) 3 Page - CT Micro International Corporation

Part # PTP83016BT24
Description  SMD Type Phototransistor with Daylight Filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

PTP83016BT24 Datasheet(HTML) 3 Page - CT Micro International Corporation

  PTP83016BT24 Datasheet HTML 1Page - CT Micro International Corporation PTP83016BT24 Datasheet HTML 2Page - CT Micro International Corporation PTP83016BT24 Datasheet HTML 3Page - CT Micro International Corporation PTP83016BT24 Datasheet HTML 4Page - CT Micro International Corporation PTP83016BT24 Datasheet HTML 5Page - CT Micro International Corporation PTP83016BT24 Datasheet HTML 6Page - CT Micro International Corporation PTP83016BT24 Datasheet HTML 7Page - CT Micro International Corporation PTP83016BT24 Datasheet HTML 8Page - CT Micro International Corporation PTP83016BT24 Datasheet HTML 9Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 3
Apr, 2014
PTP83016BT24
SMD Type Phototransistor with Daylight Filter
Switching Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
tr
Rise Time
Vce = 5V, RL = 100
IC=1.0mA
-
6
-
µs
5
tf
Fall Time
-
7
-
ton
Turn on Delay Time
-
11
-
toff
Turn off Delay Time
-
7.9
-
Notes:
1 : Test conditions : IC=100µA, Ee=0mW/cm2.
2 : Test conditions : IE=100µA, Ee=0mW/cm2.
3 : Soldering time
≦5 seconds.
4 :
IC Bin Rank : (Tolerance of Collector Light Current
:±10%)
Bin Code
Ta
Tb
Min
1.4
2.4
Max
2.4
4.4
5 : Test circuit:


Similar Part No. - PTP83016BT24

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
PTP83010BT20 CTMICRO-PTP83010BT20 Datasheet
942Kb / 10P
   SMD Type Phototransistor with Daylight Filter
Rev 1 Jan, 2015
PTP83012BT24 CTMICRO-PTP83012BT24 Datasheet
953Kb / 10P
   SMD Type Phototransistor with Daylight Filter
Rev 0.1 Jun, 2015
PTP83015BT12 CTMICRO-PTP83015BT12 Datasheet
946Kb / 10P
   SMD Type Phototransistor with Daylight Filter
Rev0.1 Jan, 2019
More results

Similar Description - PTP83016BT24

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
PTP82406BT14 CTMICRO-PTP82406BT14 Datasheet
923Kb / 10P
   SMD Type Phototransistor with Daylight Filter
Rev 1 Apr, 2018
PTP83010BT20 CTMICRO-PTP83010BT20 Datasheet
942Kb / 10P
   SMD Type Phototransistor with Daylight Filter
Rev 1 Jan, 2015
PTP81608BT06 CTMICRO-PTP81608BT06 Datasheet
935Kb / 10P
   SMD Type Phototransistor with Daylight Filter
Rev 0.2 Sep, 2018
PTP83216BT18 CTMICRO-PTP83216BT18 Datasheet
974Kb / 10P
   SMD Type Phototransistor with Daylight Filter
Rev 0.1 Aug, 2018
PTP83012BT24 CTMICRO-PTP83012BT24 Datasheet
953Kb / 10P
   SMD Type Phototransistor with Daylight Filter
Rev 0.1 Jun, 2015
PTP81608BT09 CTMICRO-PTP81608BT09 Datasheet
806Kb / 9P
   SMD Type Phototransistor with Daylight Filter
Rev 0.1 Jun, 2017
PTP83015BT12 CTMICRO-PTP83015BT12 Datasheet
946Kb / 10P
   SMD Type Phototransistor with Daylight Filter
Rev0.1 Jan, 2019
PDP93016BP24 CTMICRO-PDP93016BP24 Datasheet
859Kb / 10P
   SMD Type Photodiode with Daylight Filter
Rev 0.1 Jan, 2017
logo
OSRAM GmbH
SFH303 OSRAM-SFH303 Datasheet
357Kb / 7P
   Silicon NPN Phototransistor; with Daylight Filter
logo
CT Micro International ...
PDP93015BT12 CTMICRO-PDP93015BT12 Datasheet
779Kb / 10P
   SMD Type Photo Diode with Daylight Filter
Rev 0.1 Sep, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com