Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8300BT Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # PT8300BT
Description  3mm Lamp Type Photo Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

PT8300BT Datasheet(HTML) 1 Page - CT Micro International Corporation

  PT8300BT Datasheet HTML 1Page - CT Micro International Corporation PT8300BT Datasheet HTML 2Page - CT Micro International Corporation PT8300BT Datasheet HTML 3Page - CT Micro International Corporation PT8300BT Datasheet HTML 4Page - CT Micro International Corporation PT8300BT Datasheet HTML 5Page - CT Micro International Corporation PT8300BT Datasheet HTML 6Page - CT Micro International Corporation PT8300BT Datasheet HTML 7Page - CT Micro International Corporation PT8300BT Datasheet HTML 8Page - CT Micro International Corporation PT8300BT Datasheet HTML 9Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 1
May, 2014
PT8300BT
3mm Lamp Type Photo Transistor
Package Outline
Schematic
Features
High photo sensitivity
High reliability
Spectral range of sensitivity: 760-1100nm
Fast Response time
RoHS compliance
Applications
Infrared sensor
Optical switches
Description
The PT8300BT is silicon NPN Phototransistor.
The device comes with a superior filtering for visible
light by utilizing special black epoxy.
Emitter
Collector


Similar Part No. - PT8300BT

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT8300 PTC-PT8300 Datasheet
56Kb / 4P
   16-Bit I/O Expander IC
PT8300 PTC-PT8300 Datasheet
427Kb / 19P
   16-Bit I/O Expander IC
PT8300-R PTC-PT8300-R Datasheet
427Kb / 19P
   16-Bit I/O Expander IC
PT8300 PTC-PT8300_10 Datasheet
427Kb / 19P
   16-Bit I/O Expander IC
More results

Similar Description - PT8300BT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QSC5T50B ETC1-QSC5T50B Datasheet
434Kb / 7P
   3mm Photo transistor Lamp
logo
CT Micro International ...
PT8500BT CTMICRO-PT8500BT Datasheet
843Kb / 9P
   5mm Lamp Type Photo Transistor
logo
List of Unclassifed Man...
QSC5T120B ETC2-QSC5T120B Datasheet
491Kb / 5P
   3mm Photo Transistor
logo
LUMEX INC.
OED-ST3052C16 LUMEX-OED-ST3052C16 Datasheet
56Kb / 1P
   3mm Photo Transistor
OED-ST3054C16 LUMEX-OED-ST3054C16 Datasheet
55Kb / 1P
   3mm Photo TRansistor
logo
List of Unclassifed Man...
QSC5T120A ETC2-QSC5T120A Datasheet
491Kb / 5P
   3mm Photo Transistor
logo
LUMEX INC.
OED-ST-8LR2 LUMEX-OED-ST-8LR2 Datasheet
125Kb / 2P
   3mm Photo Transistor Water clear Lens
OED-ST-23-TR LUMEX-OED-ST-23-TR Datasheet
102Kb / 1P
   2mm X 3mm Surface Mount Photo Transistor
logo
CT Micro International ...
APTP1708T06 CTMICRO-APTP1708T06 Datasheet
692Kb / 9P
   SMD Type Photo Transistor
Rev 2 May, 2018
IR300N-F0 CTMICRO-IR300N-F0 Datasheet
784Kb / 8P
   3mm Lamp Type 940nm Infrared Emitte
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com