Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS22C040P Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS22C040P
Description  32 to 40 SEC INSTANT VOICE ROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS22C040P Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS22C040P Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS22C040P Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS22C040P Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS22C040P Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS22C040P Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS22C040P Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS22C040P Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS22C040P Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS22C040P Datasheet HTML 11Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ISSI®
IS22C040
Integrated Silicon Solution, Inc.
11
VP009-1C
10/01/98
ORDERING INFORMATION
Commerical Range: 0
°C to +70°C
Order Part No.
Package
IS22C040X
Unpackaged
IS22C040P
20-Pin 300-mil Plastic DIP
Industrial Range: –40
°C to +85°C
Order Part No.
Package
IS22C040XI
Unpackaged
IS22C040PI
20-Pin 300-mil Plastic DIP
Integrated Silicon Solution, Inc.
2231 Lawson Lane
Santa Clara, CA 95054
Fax: (408) 588-0806
Toll Free: 1-800-379-4774
Email: sales@issi.com
http://www.issi.com
ISSI®


Similar Part No. - IS22C040P

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS22C012 ISSI-IS22C012 Datasheet
90Kb / 12P
   VERSATILE 10 SEC INSTANT VOICE ROM
IS22C012P ISSI-IS22C012P Datasheet
90Kb / 12P
   VERSATILE 10 SEC INSTANT VOICE ROM
IS22C012X ISSI-IS22C012X Datasheet
90Kb / 12P
   VERSATILE 10 SEC INSTANT VOICE ROM
IS22C022 ISSI-IS22C022 Datasheet
65Kb / 11P
   VERSATILE 20 SEC INSTANT VOICE ROM
IS22C022P ISSI-IS22C022P Datasheet
65Kb / 11P
   VERSATILE 20 SEC INSTANT VOICE ROM
More results

Similar Description - IS22C040P

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
API840N APLUS-API840N Datasheet
284Kb / 10P
   32 to 40 SEC INSTANT VOICE ROM
API8108A APLUS-API8108A Datasheet
783Kb / 10P
   VERSATILE 10 SEC INSTANT VOICE ROM
logo
Integrated Silicon Solu...
IS22C012 ISSI-IS22C012 Datasheet
90Kb / 12P
   VERSATILE 10 SEC INSTANT VOICE ROM
logo
Aplus Intergrated Circu...
API8208A APLUS-API8208A Datasheet
174Kb / 10P
   VERSATILE 20 SEC INSTANT VOICE ROM
logo
Integrated Silicon Solu...
IS22C022 ISSI-IS22C022 Datasheet
65Kb / 11P
   VERSATILE 20 SEC INSTANT VOICE ROM
logo
List of Unclassifed Man...
APL8208 ETC-APL8208 Datasheet
2Mb / 10P
   VERSATILE 20 SEC INSTANT VOICE ROM
logo
Mosel Vitelic, Corp
MSS3205 MOSEL-MSS3205 Datasheet
8Kb / 1P
   32 Voice ROM
logo
Aplus Intergrated Circu...
PR2060 APLUS-PR2060 Datasheet
1Mb / 28P
   40 ~ 80 sec recording voice IC
logo
Mosel Vitelic, Corp
MSS2105-1 MOSEL-MSS2105-1 Datasheet
336Kb / 27P
   21/32/43/60 VOICE ROM
MSSI121-2 MOSEL-MSSI121-2 Datasheet
10Kb / 1P
   12 Instant Voice VROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com