Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39841B9613P810 Datasheet(PDF) 3 Page - TDK Electronics

Part No. B39841B9613P810
Description  SAW Components SAW filter for smallcells and femtocells
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TDK [TDK Electronics]
Homepage  http://www.tdk.com
Logo 

B39841B9613P810 Datasheet(HTML) 3 Page - TDK Electronics

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
April 11, 2014
B9613
836.50 MHz
SAW Components
SAW filter for smallcells and femtocells
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –10 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
836.50
MHz
Maximum insertion attenuation
824.0
...
849.0
MHz
α
max
1.6
2.3
dB
Amplitude ripple (p-p)
824.0
...
849.0
MHz
∆α
0.7
1.3
dB
Error Vector Magnitude
@fCarrier
826.4
...
846.6
MHz EVM1)
1) Error Vector Magnitude (EVM) based on definition given in 3GPP TS 25.141.
2.3
4.0
%
VSWR
824.0
...
849.0
MHz
1.9
2.1
Attenuation
α
50.0
...
779.0
MHz
45
48
dB
779.0
...
804.0
MHz
40
43
dB
804.0
...
814.0
MHz
10
17
dB
859.0
...
869.0
MHz
7
12
dB
869.0
...
894.0
MHz
36
41
dB
894.0
... 1570.0
MHz
32
36
dB
1570.0
... 2200.0
MHz
35
45
dB
2200.0
... 6000.0
MHz
33
43
dB


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn