Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39841B9613P810 Datasheet(PDF) 2 Page - TDK Electronics

Part No. B39841B9613P810
Description  SAW Components SAW filter for smallcells and femtocells
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TDK [TDK Electronics]
Homepage  http://www.tdk.com
Logo 

B39841B9613P810 Datasheet(HTML) 2 Page - TDK Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
April 11, 2014
B9613
836.50 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter for smallcells and femtocells
Data sheet
Application
s
Low-loss RF filter for smallcells
s
Usable passband 25 MHz
s
No matching network required for operation at 50
Features
s
Package size 1.4 x 1.1 mm2
s
Max Package height 0.4 mm
s
Package code QCS5P
s
RoHS compatible
s
Approximate weight 0.003 g
s
Package for Surface Mount Technology (SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
s
Moisture Sensitivity Level 3
5
4
3
2
0.25
0.5
0.5
1.4
bottom view
side view
top view
Pin configuration
s
1
Input
s
4
Output
s
2,3,5
To be grounded
1
4
3
2,5


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn