Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV47821PAAJR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV47821PAAJR2G
Description  3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV47821PAAJR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCV47821PAAJR2G Datasheet HTML 1Page - ON Semiconductor NCV47821PAAJR2G Datasheet HTML 2Page - ON Semiconductor NCV47821PAAJR2G Datasheet HTML 3Page - ON Semiconductor NCV47821PAAJR2G Datasheet HTML 4Page - ON Semiconductor NCV47821PAAJR2G Datasheet HTML 5Page - ON Semiconductor NCV47821PAAJR2G Datasheet HTML 6Page - ON Semiconductor NCV47821PAAJR2G Datasheet HTML 7Page - ON Semiconductor NCV47821PAAJR2G Datasheet HTML 8Page - ON Semiconductor NCV47821PAAJR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
NCV47821
www.onsemi.com
3
EPAD
Vin
Vout1
CSO1
EN1
GND
EN2
CSO2
Vin
4
1
1
ADJ1
CS
EF
DE
ADJ2
Vout2
TSSOP−14 EPAD
(Top View)
Figure 3. Pin Connections
Table 1. PIN FUNCTION DESCRIPTION
Pin No.
TSSOP−14
EPAD
Pin Name
Description
1
Vin
Power Supply Input for Channel 1 and supply of control circuits of whole chip. At least 4.4 V power
supply must be used for proper IC functionality.
2
CSO1
Current Sense Output 1, Current Limit setting and Output Current value information. See Application
Section for more details.
3
EN1
Enable Input 1; low level disables the Channel 1. (Used also for OFF state diagnostics control for
Channel 1)
4
GND
Power Supply Ground.
5
EN2
Enable Input 2; low level disables the Channel 2. (Used also for OFF state diagnostics control for
Channel 2)
6
CSO2
Current Sense Output 2, Current Limit setting and Output Current value information. See Application
Section for more details.
7
Vin
Power Supply Input for Channel 2. Connect to pin 1 or different power supply rail.
8
Vout2
Regulated Output Voltage 2.
9
ADJ2
Adjustable Voltage Setting Input 2. See Application Section for more details.
10
DE
Diagnostic Enable Input.
11
EF
Error Flag (Open Collector) Output. Active Low.
12
CS
Channel Select Input for OFF state diagnostics. Set CS = Low for OFF state diagnostics of Chan-
nel 1. Set CS = High for OFF state diagnostics of Channel 2. Corresponding EN pin has to be used
for diagnostics control (see Application Information section for more details).
13
ADJ1
Adjustable Voltage Setting Input 1. See Application Section for more details.
14
Vout1
Regulated Output Voltage 1.
EPAD
EPAD
Exposed Pad is connected to Ground. Connect to GND plane on PCB.


Similar Part No. - NCV47821PAAJR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV47821PAAJR2G ONSEMI-NCV47821PAAJR2G Datasheet
181Kb / 15P
   Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
January, 2017 ??Rev. 2
More results

Similar Description - NCV47821PAAJR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV47411 ONSEMI-NCV47411 Datasheet
128Kb / 14P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and 3.3 V
December, 2013 ??Rev. 1
NCV47821 ONSEMI-NCV47821_17 Datasheet
181Kb / 15P
   Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
January, 2017 ??Rev. 2
NCV47551 ONSEMI-NCV47551 Datasheet
168Kb / 12P
   3.3 V to 20 V Adjustable Low Noise LDO Regulator with Adjustable Current Limit and 3.3 V Logic
December, 2013 ??Rev. 0
NCV47710 ONSEMI-NCV47710 Datasheet
153Kb / 11P
   5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
April, 2012 ??Rev. 0
NCV47711 ONSEMI-NCV47711 Datasheet
157Kb / 11P
   5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
April, 2012 ??Rev. 0
NCV47711 ONSEMI-NCV47711_17 Datasheet
128Kb / 12P
   Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
July, 2017 ??Rev. 2
NCV47822 ONSEMI-NCV47822 Datasheet
155Kb / 14P
   Dual High Side Switch with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 0
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
NCV47722 ONSEMI-NCV47722 Datasheet
256Kb / 12P
   High Side Switch with Adjustable Current Limit and Diagnostic Features
July, 2020 ??Rev. 1
NCV47700 ONSEMI-NCV47700 Datasheet
174Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
November, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com