Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1612A2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1612A2
Description  Enhanced, High?륟fficiency Power Factor Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1612A2 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1612A2 Datasheet HTML 1Page - ON Semiconductor NCP1612A2 Datasheet HTML 2Page - ON Semiconductor NCP1612A2 Datasheet HTML 3Page - ON Semiconductor NCP1612A2 Datasheet HTML 4Page - ON Semiconductor NCP1612A2 Datasheet HTML 5Page - ON Semiconductor NCP1612A2 Datasheet HTML 6Page - ON Semiconductor NCP1612A2 Datasheet HTML 7Page - ON Semiconductor NCP1612A2 Datasheet HTML 8Page - ON Semiconductor NCP1612A2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
NCP1612A, NCP1612B, NCP1612A1, NCP1612A2, NCP1612A3, NCP1612B2
www.onsemi.com
5
Figure 2.
VCC
GND
CS/ZCD
NCP1612
ESD Diode
ESD Diode
CS/ZCD
Circuitry
7.4 V
R1
Ipin6
Maintain Ipin6
below 5 mA
2 kW
Table 3. TYPICAL ELECTRICAL CHARACTERISTICS
(Conditions: VCC = 15 V, TJ from −40°C to +125°C, unless otherwise specified)
Symbol
Rating
Min
Typ
Max
Unit
START-UP AND SUPPLY CIRCUIT
VCC(on)
Start-up Threshold, VCC increasing:
A, A1, A2 and A3 versions
B and B2 versions
9.75
15.80
10.50
17.00
11.25
18.20
V
VCC(off)
Minimum Operating Voltage, VCC falling
8.5
9.0
9.5
V
VCC(HYST)
Hysteresis (VCC(on) − VCC(off))
A, A1, A2 and A3 versions
B and B2 versions
0.75
6.00
1.50
8.00
V
VCC(reset)
VCC level below which the circuit resets
2.5
4.0
6.0
V
ICC(start)
Start-up Current, VCC = 9.4 V
20
50
mA
ICC(op)1
Operating Consumption, no switching (VSENSE pin being grounded)
0.5
1.0
mA
ICC(op)2
Operating Consumption, 50 kHz switching, no load on DRV pin
2.0
3.0
mA
CURRENT CONTROLLED FREQUENCY FOLD-BACK
TDT1
Dead-time, VFFcontrol = 2.60 V (Note 6)
0
ms
TDT2
Dead-time, VFFcontrol = 1.75 V
14
18
22
ms
TDT3
Dead-time, VFFcontrol = 1.00 V
32
38
44
ms
TDT4
Dead-time, VFFcontrol = VSKIP_L + 30 mV (NCP1612A3 Only)
@ 25°C
Over the Temperature Range
34.0
32.0
41.5
41.5
45.0
47.0
ms
IDT1
FFcontrol Pin current, Vsense = 1.4 V and Vcontrol maximum
180
200
220
mA
IDT2
FFcontrol Pin current, Vsense = 2.8 V and Vcontrol maximum
110
135
160
mA
VSKIP−H
FFcontrol pin Skip Level, VFFcontrol rising
All Versions Except NCP1612A3
NCP1612A3
0.75
1.00
0.85
1.05
V
VSKIP−L
FFcontrol pin Skip Level, VFFcontrol falling
All Versions Except NCP1612A3
NCP1612A3
0.55
0.85
0.65
0.90
V
HSKIP−L
FFcontrol pin Skip Hysteresis
50
mV
GATE DRIVE
TR
Output voltage rise-time @ CL = 1 nF, 10−90% of output signal
30
ns
TF
Output voltage fall-time @ CL = 1 nF, 10−90% of output signal
20
ns
ROH
Source resistance
10
W
ROL
Sink resistance
7.0
W
ISOURCE
Peak source current, VDRV = 0 V (guaranteed by design)
500
mA
ISINK
Peak sink current, VDRV = 12 V (guaranteed by design)
800
mA


Similar Part No. - NCP1612A2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1612ADR2G ONSEMI-NCP1612ADR2G Datasheet
811Kb / 30P
   Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
More results

Similar Description - NCP1612A2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602 Datasheet
282Kb / 32P
   Enhanced, High-Efficiency Power Factor Controller
October, 2015 ??Rev. 0
NCP1602 ONSEMI-NCP1602_17 Datasheet
366Kb / 23P
   Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
NCP1611 ONSEMI-NCP1611 Datasheet
870Kb / 28P
   Enhanced, High-Efficiency Power Factor Controller
December, 2011 ??Rev. 1
NCP1612 ONSEMI-NCP1612 Datasheet
811Kb / 30P
   Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
NCP1602 ONSEMI-NCP1602_16 Datasheet
238Kb / 24P
   Enhanced, High-Efficiency Power Factor Controller
June, 2016 ??Rev. 2
NCP1611 ONSEMI-NCP1611_15 Datasheet
813Kb / 29P
   Enhanced, High-Efficiency Power Factor Controller
January, 2015 ??Rev. 4
NCP1622 ONSEMI-NCP1622 Datasheet
236Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
November, 2017 ??Rev. 4
NCP1623 ONSEMI-NCP1623 Datasheet
331Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
December, 2021-Rev. 0
NCL2801 ONSEMI-NCL2801 Datasheet
504Kb / 28P
   Power Factor Controller, High-Efficiency, Enhanced for Lighting
September, 2019 ??Rev. 3
logo
Texas Instruments
UC1854A TI-UC1854A Datasheet
188Kb / 7P
[Old version datasheet]   Enhanced High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com