Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1612A1 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1612A1
Description  Enhanced, High?륟fficiency Power Factor Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1612A1 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1612A1 Datasheet HTML 6Page - ON Semiconductor NCP1612A1 Datasheet HTML 7Page - ON Semiconductor NCP1612A1 Datasheet HTML 8Page - ON Semiconductor NCP1612A1 Datasheet HTML 9Page - ON Semiconductor NCP1612A1 Datasheet HTML 10Page - ON Semiconductor NCP1612A1 Datasheet HTML 11Page - ON Semiconductor NCP1612A1 Datasheet HTML 12Page - ON Semiconductor NCP1612A1 Datasheet HTML 13Page - ON Semiconductor NCP1612A1 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
NCP1612A, NCP1612B, NCP1612A1, NCP1612A2, NCP1612A3, NCP1612B2
www.onsemi.com
10
Figure 3. Block Diagram
DRV
VDD
Regul
Vcc
Output
Buffer
Internal
Thermal
Shutdown
TSD
OFF
UVLO
FB
Vcontrol
FFcontrol
Vton
processing
circuitry
GND
STDWN
OFF
Iref
Error Amplifier
Vref
0.955*Vref
hyst<0.5%Vref
Dynamic Response
Enhancer
+/−20mA
Vcc
4V
R
Q
S
BO
fastOVP
V
OFF
OVLflag1
All the RS latches are
RESET dominant
Vcc_OK
REGUL
pfcOK
200 mA
VDD
Vref
OVLflag1
LpfcOK
Fault
management
CS
staticOVP
(0.5−V bottom
clamp
is activated)
UVP
Vcc(on) / Vcc(off)
BO_NOK
Brown−out
and Line Range
Detection
LLine
OFF
staticOVP
OCP
STOP
R
Q
S
L
pwm1
Vpwm
STOP
IBO
I BO
IREGUL
SKIP
Current Information
Generator and
dead−time control
Internal
timing
ramp
DRV
LLine
CLK
+
UVP
softOVP
12%*Vref
hyst<1%Vref
105%*Vref /
103% *Vref
ZCD
DT
DRV
50mA
staticOVP
BO_NOK
BUV_fault
pfcOK
+
STDWN
2.5 V
BUV
+
OFF
pfcOK
R
Q
S
Lstdwn
Vcc(reset)
R
Q
S
staticOVP
BUV
L BO
OCP
+
+
750mV /
250mV
ZCD
Detection
of excessive
currents
DRV
200−ns
blanking
time
DRV
500mV
Overstress
2R
R
FOVP
107% Vref
hyst<1% Vref
fastOVP
BUVcomp
BUVcomp
12*Vref
UVP2
UVP2
0.5V
0.5V
LLine
100−ns
blanking
time
DRV
R
Q
S
staticOVP
BONOK
L BUV
BUV_fault
BO_fault
softOVP
SKIP
CLK
DT
Overstress
0.5−V bottom clamp
Overstress
BONOK
Vcc_OK
pfcOK_in
CCFF mode
(including SKIP function)
are inhibited whenever
pfcOK_in is low
VBUV
NCP1612A2 and NCP1612B2
BUVcomp1
VBUV
BUVcomp2
BUVcomp1
BUVcomp2
fastOVP
NCP1612A2 and
NCP1612B2
NCP1612A
NCP1612A1
NCP1612A3
and NCP1612B
NCP1612A
NCP1612A1
NCP1612A3
and NCP1612B


Similar Part No. - NCP1612A1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1612ADR2G ONSEMI-NCP1612ADR2G Datasheet
811Kb / 30P
   Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
More results

Similar Description - NCP1612A1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602 Datasheet
282Kb / 32P
   Enhanced, High-Efficiency Power Factor Controller
October, 2015 ??Rev. 0
NCP1602 ONSEMI-NCP1602_17 Datasheet
366Kb / 23P
   Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
NCP1611 ONSEMI-NCP1611 Datasheet
870Kb / 28P
   Enhanced, High-Efficiency Power Factor Controller
December, 2011 ??Rev. 1
NCP1612 ONSEMI-NCP1612 Datasheet
811Kb / 30P
   Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
NCP1602 ONSEMI-NCP1602_16 Datasheet
238Kb / 24P
   Enhanced, High-Efficiency Power Factor Controller
June, 2016 ??Rev. 2
NCP1611 ONSEMI-NCP1611_15 Datasheet
813Kb / 29P
   Enhanced, High-Efficiency Power Factor Controller
January, 2015 ??Rev. 4
NCP1622 ONSEMI-NCP1622 Datasheet
236Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
November, 2017 ??Rev. 4
NCP1623 ONSEMI-NCP1623 Datasheet
331Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
December, 2021-Rev. 0
NCL2801 ONSEMI-NCL2801 Datasheet
504Kb / 28P
   Power Factor Controller, High-Efficiency, Enhanced for Lighting
September, 2019 ??Rev. 3
logo
Texas Instruments
UC1854A TI-UC1854A Datasheet
188Kb / 7P
[Old version datasheet]   Enhanced High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com