Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC88FC2F0B Datasheet(PDF) 33 Page - ON Semiconductor

Part # LC88FC2F0B
Description  16-bit Microcontroller 384K-byte Flash ROM / 24Kbyte RAM / 100-pin
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88FC2F0B Datasheet(HTML) 33 Page - ON Semiconductor

Back Button LC88FC2F0B Datasheet HTML 29Page - ON Semiconductor LC88FC2F0B Datasheet HTML 30Page - ON Semiconductor LC88FC2F0B Datasheet HTML 31Page - ON Semiconductor LC88FC2F0B Datasheet HTML 32Page - ON Semiconductor LC88FC2F0B Datasheet HTML 33Page - ON Semiconductor LC88FC2F0B Datasheet HTML 34Page - ON Semiconductor LC88FC2F0B Datasheet HTML 35Page - ON Semiconductor LC88FC2F0B Datasheet HTML 36Page - ON Semiconductor LC88FC2F0B Datasheet HTML 37Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
LC88FC2F0B
www.onsemi.com
33
6-2. SLIIC1 I
2C Mode Input/Output Characteristics
Parameter
Symbol
Applicable
Pin/Remarks
Conditions
Specification
VDD [V]
Min
typ
max
Unit
Period
tSCL
SL0CK
(PA4)
 See Fig. 8.
2.7 to 3.6
5
Tfilt
Low level
pulse width
tSCLL
2.5
High level
pulse width
tSCLH
2
SL0CK and SL0DA
pins input spike
suppression time
tsp
SL0CK (PA4)
SL0DA (PA5)
 See Fig. 8.
2.7 to 3.6
1
Tfilt
Bus release time
between start and
stop
tBUF
SL0CK (PA4)
SL0DA (PA5)
 See Fig. 8.
2.7 to 3.6
2.5
Tfilt
Start/restart
condition hold
time
tHD;STA
SL0CK (PA4)
SL0DA (PA5)
 When SMIIC register
control bit,
I2CSHDS=0
 See Fig. 8.
2.7 to 3.6
2.0
Tfilt
 When SMIIC register
control bit
I2CSHDS=1
 See Fig. 8.
2.5
Restart condition
setup time
tSU;STA
SL0CK (PA4)
SL0DA (PA5)
 See Fig. 8.
2.7 to 3.6
1.0
Tfilt
Stop condition
setup time
tSU;STO
SL0CK (PA4)
SL0DA (PA5)
 See Fig. 8.
2.7 to 3.6
1.0
Tfilt
Data hold time
tHD;DAT
SL0CK (PA4)
SL0DA (PA5)
 See Fig. 8.
2.7 to 3.6
0
Tfilt
tHD;DATx SL0CK (PA4)
SL0DA (PA5)
 Specified as interval up to
time when output state starts
changing.
1
1.5
Data setup time
tSU;DAT
SL0CK (PA4)
SL0DA (PA5)
 See Fig. 8.
2.7 to 3.6
1
Tfilt
tSU;DATx SL0CK (PA4)
SL0DA (PA5)
 Specified as interval up to
time when output state starts
changing.
1tSCL-
1.5Tfilt


Similar Part No. - LC88FC2F0B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88FC2D0B ONSEMI-LC88FC2D0B Datasheet
453Kb / 47P
   16-bit Microcontroller 256K-byte Flash ROM / 24Kbyte RAM / 100-pin
March 2016 - Rev. 0
LC88FC2D0BUTJ-2H ONSEMI-LC88FC2D0BUTJ-2H Datasheet
453Kb / 47P
   16-bit Microcontroller 256K-byte Flash ROM / 24Kbyte RAM / 100-pin
March 2016 - Rev. 0
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
More results

Similar Description - LC88FC2F0B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88FC2D0B ONSEMI-LC88FC2D0B Datasheet
453Kb / 47P
   16-bit Microcontroller 256K-byte Flash ROM / 24Kbyte RAM / 100-pin
March 2016 - Rev. 0
LC88FC3H0A ONSEMI-LC88FC3H0A Datasheet
418Kb / 48P
   16-bit Microcontroller 512K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
LC88FC3J0A ONSEMI-LC88FC3J0A Datasheet
418Kb / 48P
   16-bit Microcontroller 640K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
logo
Sanyo Semicon Device
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868116 SANYO-LC868116 Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC875J96B SANYO-LC875J96B Datasheet
148Kb / 23P
   ROM 96K/80K/72K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com