Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC88FC2F0B Datasheet(PDF) 10 Page - ON Semiconductor

Part # LC88FC2F0B
Description  16-bit Microcontroller 384K-byte Flash ROM / 24Kbyte RAM / 100-pin
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88FC2F0B Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LC88FC2F0B Datasheet HTML 6Page - ON Semiconductor LC88FC2F0B Datasheet HTML 7Page - ON Semiconductor LC88FC2F0B Datasheet HTML 8Page - ON Semiconductor LC88FC2F0B Datasheet HTML 9Page - ON Semiconductor LC88FC2F0B Datasheet HTML 10Page - ON Semiconductor LC88FC2F0B Datasheet HTML 11Page - ON Semiconductor LC88FC2F0B Datasheet HTML 12Page - ON Semiconductor LC88FC2F0B Datasheet HTML 13Page - ON Semiconductor LC88FC2F0B Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
LC88FC2F0B
www.onsemi.com
10
Pin Description
Pin Name
I/O
Description
VSS1, VSS2,
VSS3, VSS4
– power sources
VDD1, VDD2,
VDD3, VDD4
+power sources
Port 0
I/O
8-bit I/O port
I/O specifiable in 1-bit units
Pull-up resistors can be turned on and off in 1 bit units
HOLD release input (P00 to P03, P04, P05)
Port 0 interrupt input (P00 to P03, P04, P05)
Pin functions
P06: Timer 0L output
P07: Timer 0L output/UART0 clock input
P00 to P07
Port 1
I/O
8-bit I/O port
I/O specifiable in 1-bit units
Pull-up resistors can be turned on and off in 1 bit units
Pin functions
P10: SIO0 data output
P11: SIO0 data input/pulse input/output
P12: SIO0 clock input/output
P13: UART0 transmit
P14: Timer 3L output/UART0 receive
P15: Timer 3H output
P16: UART2 receive
P17: UART2 transmit
P10 to P17
Port 2
I/O
8-bit I/O port
I/O specifiable in 1-bit units
Pull-up resistors can be turned on and off in 1 bit units
Pin functions
P20: INT4 input/HOLD release input/timer 3 event input/
timer 2L capture input/timer 2H capture input
P21: INT5 input/HOLD release input/timer 3 event input/
timer 2L capture input/timer 2H capture input
P22: SMIIC0 clock input/output
P23: SMIIC0 bus input/output/data input
P24: SMIIC0 data output (used in 3-wire SIO mode)
P25: Timer 4 output
P26: Timer 5 output
Interrupt acknowledge type
INT4, INT5: H level, L level, H edge, L edge, both edges
P20 to P27
Continued on next page.


Similar Part No. - LC88FC2F0B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88FC2D0B ONSEMI-LC88FC2D0B Datasheet
453Kb / 47P
   16-bit Microcontroller 256K-byte Flash ROM / 24Kbyte RAM / 100-pin
March 2016 - Rev. 0
LC88FC2D0BUTJ-2H ONSEMI-LC88FC2D0BUTJ-2H Datasheet
453Kb / 47P
   16-bit Microcontroller 256K-byte Flash ROM / 24Kbyte RAM / 100-pin
March 2016 - Rev. 0
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
More results

Similar Description - LC88FC2F0B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88FC2D0B ONSEMI-LC88FC2D0B Datasheet
453Kb / 47P
   16-bit Microcontroller 256K-byte Flash ROM / 24Kbyte RAM / 100-pin
March 2016 - Rev. 0
LC88FC3H0A ONSEMI-LC88FC3H0A Datasheet
418Kb / 48P
   16-bit Microcontroller 512K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
LC88FC3J0A ONSEMI-LC88FC3J0A Datasheet
418Kb / 48P
   16-bit Microcontroller 640K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
logo
Sanyo Semicon Device
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868116 SANYO-LC868116 Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC875J96B SANYO-LC875J96B Datasheet
148Kb / 23P
   ROM 96K/80K/72K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com