Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8926 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # TDA8926
Description  Power stage 2 x 50 W class-D audio amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8926 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button TDA8926 Datasheet HTML 24Page - NXP Semiconductors TDA8926 Datasheet HTML 25Page - NXP Semiconductors TDA8926 Datasheet HTML 26Page - NXP Semiconductors TDA8926 Datasheet HTML 27Page - NXP Semiconductors TDA8926 Datasheet HTML 28Page - NXP Semiconductors TDA8926 Datasheet HTML 29Page - NXP Semiconductors TDA8926 Datasheet HTML 30Page - NXP Semiconductors TDA8926 Datasheet HTML 31Page - NXP Semiconductors TDA8926 Datasheet HTML 32Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
2002 Oct 10
31
Philips Semiconductors
Preliminary specification
Power stage 2
× 50 W class-D audio
amplifier
TDA8926
NOTES


Similar Part No. - TDA8926

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BJ PHILIPS-TDA8920BJ Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BTH PHILIPS-TDA8920BTH Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920C NXP-TDA8920C Datasheet
275Kb / 40P
   2 X110 W class-D power amplifier
Rev. 01-29 September 2008
More results

Similar Description - TDA8926

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
logo
International Rectifier
IRAUDAMP4 IRF-IRAUDAMP4 Datasheet
1Mb / 44P
   120 W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP4A IRF-IRAUDAMP4A_15 Datasheet
1Mb / 44P
   120 W x 2 Channel Class D Audio Power Amplifier
logo
NXP Semiconductors
TDA8928J PHILIPS-TDA8928J Datasheet
210Kb / 23P
   Power stage 2 x 10 or 1 x 20 W class-D audio amplifie
2004 May 05
logo
Texas Instruments
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com