Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39471B5052Z810 Datasheet(PDF) 2 Page - TDK Electronics

Part # B39471B5052Z810
Description  SAW Components SAW RF filter for base stations
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39471B5052Z810 Datasheet(HTML) 2 Page - TDK Electronics

  B39471B5052Z810 Datasheet HTML 1Page - TDK Electronics B39471B5052Z810 Datasheet HTML 2Page - TDK Electronics B39471B5052Z810 Datasheet HTML 3Page - TDK Electronics B39471B5052Z810 Datasheet HTML 4Page - TDK Electronics B39471B5052Z810 Datasheet HTML 5Page - TDK Electronics B39471B5052Z810 Datasheet HTML 6Page - TDK Electronics B39471B5052Z810 Datasheet HTML 7Page - TDK Electronics B39471B5052Z810 Datasheet HTML 8Page - TDK Electronics B39471B5052Z810 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Nov 11, 2014
B5052
465.0 MHz
Please read cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Data sheet
Application
s
Low-loss filter for base stations
TETRA systems, receive path(RX)
s
Unbalanced to unbalanced or unbalanced to bal-
anced operation
s
Low amplitude ripple
s
Usable passband 10 MHz
s
No matching required for operation at 50
Features
s
Package size 3.8 x 3.8 x 1.35 mm3
s
Package code QCC8B
s
RoHS compatible
s
Approximate weight 0.07 g
s
Package for Surface Mount Technology (SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
s
Moisture Sensitivity Level 1
s
Filter surface passivated
Pin configuration
s
5
Input
s
1
Output / Output balanced
s
2
Output ground / Output balanced
s
3, 6, 7
To be grounded
s
4, 8
Case ground


Similar Part No. - B39471B5052Z810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39471B5052Z810 EPCOS-B39471B5052Z810 Datasheet
87Kb / 8P
   SAW Rx filter TETRA
More results

Similar Description - B39471B5052Z810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39142B5128U410 TDK-B39142B5128U410 Datasheet
142Kb / 8P
   SAW Components SAW RF filter for base stations
B39821B3836U410 TDK-B39821B3836U410 Datasheet
108Kb / 8P
   SAW Components SAW RF filter for base stations
B39721B5309U410 TDK-B39721B5309U410 Datasheet
134Kb / 8P
   SAW Components SAW RF filter for base stations
B39262B5303U410 TDK-B39262B5303U410 Datasheet
208Kb / 8P
   SAW Components SAW RF filter for base stations
B39262B5304U410 TDK-B39262B5304U410 Datasheet
149Kb / 8P
   SAW Components SAW RF filter for base stations
B39242B5302U410 TDK-B39242B5302U410 Datasheet
212Kb / 10P
   SAW Components SAW RF filter for base stations
B39262B5164U410 TDK-B39262B5164U410 Datasheet
151Kb / 8P
   SAW Components SAW RF filter for base stations
B39262B5175U410 TDK-B39262B5175U410 Datasheet
146Kb / 8P
   SAW Components SAW RF filter for base stations
B39152B5163U410 TDK-B39152B5163U410 Datasheet
146Kb / 8P
   SAW Components SAW RF filter for base stations
B39781B5199U410 TDK-B39781B5199U410 Datasheet
144Kb / 9P
   SAW Components SAW RF filter for base stations
B39711B5107U410 TDK-B39711B5107U410 Datasheet
152Kb / 9P
   SAW Components SAW RF filter for base stations
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com