Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN06016 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # IN06016
Description  Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

IN06016 Datasheet(HTML) 1 Page - ice Components, Ins.

  IN06016 Datasheet HTML 1Page - ice Components, Ins. IN06016 Datasheet HTML 2Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet
ICE Components, Inc.
Tel 678-560-9172 Fax 678-560-9304
cust.serv@icecomp.com
www.icecomponents.com
1165 Allgood Rd., Ste. #20, Marietta, GA 30062
General Information
Customer
Part Number
IN06016
Revision
0
Description
Inductor
Date
AUG-07-2009
Reference
--
Doc Control #
--
Issue(For ICE use only) --
Mechanical Drawing
IN06016
YYWW
7.8 max
4.45 max
unit:mm
Specification
Sample Test Data
Item
Pins
Spec
Test Condition
Inductance
S – F
1.2 uH +/- 20%
100 kHz, 0.1Vrms, series
DCR
S – F
4.0 mOhm max
+25 deg C
Isat
S – F
13.5 Adc max
Idc
S – F
9.2 Adc max
Schematic
F
S
Footprint
7.5
2.0
1.4
TOP VIEW
unit:mm
Recommended PCB Layout
1.8
7.8
2.9
TOP VIEW
unit:mm
Remarks
1.
Isat:13.5 Adc (L drops 30%
typical at rated Isat)
2.
Idc: 9.2 Adc (The
temperature rise = 50degC at
rated Idc)
3.
Operating temperature =
-40degC to +130degC
4.
Inductance vs. Current Curve
as attached.
5.
This is RoHS compliant
product.
Rev.
Description
PRD CHK
APP
Date
NTFY
0
Initial release
Emily
Gary
L. L. Chou
2009/8/7
2009/8/7
Sample approval is required before
release to production. Sample
specifications take precedence over
customer specifications.
__________________________
Customer Signature
FORM NO. : I10105-02
PAGE 1 OF 2


Similar Part No. - IN06016

ManufacturerPart #DatasheetDescription
ice Components, Ins.
ice Components, Ins.
IN06004 ICE-IN06004 Datasheet
54Kb / 2P
   Inductor
IN06073-2 ICE-IN06073-2 Datasheet
54Kb / 2P
   Inductor
IN06090 ICE-IN06090 Datasheet
37Kb / 2P
   Inductor
IN06092 ICE-IN06092 Datasheet
56Kb / 2P
   Inductor
More results

Similar Description - IN06016

ManufacturerPart #DatasheetDescription
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
SCHOTT CORPORATION
SCHOTT CORPORATION
25554 SCHOTT-25554 Datasheet
34Kb / 1P
   INDUCTOR
XFMRS Inc.
XFMRS Inc.
XF1305-102 XFMRS-XF1305-102 Datasheet
41Kb / 1P
   INDUCTOR
XF1606T-XXX XFMRS-XF1606T-XXX Datasheet
45Kb / 1P
   INDUCTOR
XF636025SH XFMRS-XF636025SH Datasheet
49Kb / 1P
   INDUCTOR
KR Electronics, Inc.
KR Electronics, Inc.
2224 KR-2224 Datasheet
19Kb / 1P
   Inductor
PCA ELECTRONICS INC.
PCA ELECTRONICS INC.
EPA3630 PCA-EPA3630 Datasheet
36Kb / 1P
   Inductor
XFMRS Inc.
XFMRS Inc.
1XF10000T1M XFMRS-1XF10000T1M Datasheet
57Kb / 1P
   Inductor
XF0206-HMCMC XFMRS-XF0206-HMCMC Datasheet
59Kb / 1P
   INDUCTOR
XF121207-4R8N110 XFMRS-XF121207-4R8N110 Datasheet
34Kb / 1P
   INDUCTOR
XF151510-2R4M XFMRS-XF151510-2R4M Datasheet
55Kb / 1P
   INDUCTOR
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com