Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV32H200A01B00 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # PV32H200A01B00
Description  Inductance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV32H200A01B00 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  PV32H200A01B00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PV32H200A01B00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PV32H200A01B00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
PV32H200A01B00
Appearance & Shape
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
B00
Bulk(Bag)
100
Features
1. Round body shape enables smaller area mount than
same 6mm square potentiometer.
2. Sealed construction protects the interior from dust
and liquid, which achieves stable performance.
3. Available for ultrasonic cleaning after soldering.
1 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/06/16


Similar Part No. - PV32H200A01B00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PV32H200A01B00 MURATA1-PV32H200A01B00 Datasheet
259Kb / 3P
   Round body shape enables smaller area mount than same 6mm square potentiometer.
08/30/2022
PV32H200A01B00 MURATA1-PV32H200A01B00_V01 Datasheet
259Kb / 3P
   Round body shape enables smaller area mount than same 6mm square potentiometer.
08/30/2022
More results

Similar Description - PV32H200A01B00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP02TN27NJ02 MURATA-LQP02TN27NJ02 Datasheet
68Kb / 2P
   Inductance
LQP02TN1N8B02 MURATA-LQP02TN1N8B02 Datasheet
68Kb / 2P
   Inductance
LQP03TG27NJ02 MURATA-LQP03TG27NJ02 Datasheet
72Kb / 2P
   Inductance
LQP03TG22NH02 MURATA-LQP03TG22NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG15NH02 MURATA-LQP03TG15NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG2N1B02 MURATA-LQP03TG2N1B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG1N0B02 MURATA-LQP03TG1N0B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N7B02 MURATA-LQP03TG0N7B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N5B02 MURATA-LQP03TG0N5B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4C02 MURATA-LQP03TG0N4C02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4B02 MURATA-LQP03TG0N4B02 Datasheet
72Kb / 2P
   Inductance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com