Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV32H203A01B00 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # PV32H203A01B00
Description  Inductance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV32H203A01B00 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PV32H203A01B00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PV32H203A01B00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PV32H203A01B00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
PV32H203A01B00
Specifications
Power Rating
0.5W
Shape
Lead
Maximum Working Voltage
300Vdc
Adjustment Direction
Top
Size
6mm
Auto Adjustment
No
Number of Turns (Effective Rotation
Angle)
1(230°±5°)
Mechanical Rotation Angle
270+/-5 deg.
Total Resistance Value
20kΩ
Total Resistance Value Tolerance
±20%
Temperature Coefficient of
Resistance
±100ppm/
Resistance Taper
B (Linear)
Contact Resistance Variation
Less than 3% of total resistance
value or 3ohm, whichever is greater
Residual Resistance
2ohm max.
Soldering Method
Flow
Soldering Iron
Torque
1.96 to
19.6mN m
Measure Condition of RatedPower
70
Operating Temperature Range
-
55
to
125
Mass
0.45g
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/06/16


Similar Part No. - PV32H203A01B00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PV32H203A01B00 MURATA1-PV32H203A01B00 Datasheet
259Kb / 3P
   Round body shape enables smaller area mount than same 6mm square potentiometer.
08/30/2022
PV32H203A01B00 MURATA1-PV32H203A01B00_V01 Datasheet
259Kb / 3P
   Round body shape enables smaller area mount than same 6mm square potentiometer.
08/30/2022
More results

Similar Description - PV32H203A01B00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP02TN27NJ02 MURATA-LQP02TN27NJ02 Datasheet
68Kb / 2P
   Inductance
LQP02TN1N8B02 MURATA-LQP02TN1N8B02 Datasheet
68Kb / 2P
   Inductance
LQP03TG27NJ02 MURATA-LQP03TG27NJ02 Datasheet
72Kb / 2P
   Inductance
LQP03TG22NH02 MURATA-LQP03TG22NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG15NH02 MURATA-LQP03TG15NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG2N1B02 MURATA-LQP03TG2N1B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG1N0B02 MURATA-LQP03TG1N0B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N7B02 MURATA-LQP03TG0N7B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N5B02 MURATA-LQP03TG0N5B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4C02 MURATA-LQP03TG0N4C02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4B02 MURATA-LQP03TG0N4B02 Datasheet
72Kb / 2P
   Inductance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com