Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

8231714 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part No. 8231714
Description  ESD Suppressor WE-VE femtoF
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

8231714 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  8231714 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 8231714 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 8231714 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Customer :
Ordercode:
Description :
A
0.69 typ
mm
B
2.00 ± 0.10
mm
C
8.0 +0.3/-0.1
mm
D
1.50 + 0.20
mm
E
4.00 ± 0.10
mm
F
2.00 ± 0.10
mm
G
1.75 ± 0.10
mm
H
3.50 ± 0.05
mm
I
1.19 typ
mm
J
0.66 max
mm
a
178.0 ± 2.0
mm
b
13.0 ± 0.8
mm
c
7.9 min
mm
d
14.4 max
mm
e
1.5 min
mm
165° to 180°
Quantity per Reel:
SSt
Version 2
2010-06-25
JB
Version 1
2008-09-02
Name
Modification
Date
10000 pcs
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Phone (+49) (0) 7942 - 945 - 0 · Fax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
.......................................................................
........................................................................
Checked
Approved
Date
Signature
Würth Elektronik
J Reel:
General Release:
Customer
.......................................................................
........................................................................
I Tape:
8231714
ESD Suppressor WE-VE femtoF
Specification for release
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and
reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine,
transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, W ürth Elektronik eiSos GmbH must be
informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that
require high safety and reliability functions or performance.
I
K
B
A
E
ØD
F
G
H
C
Feeding Direction
a
e
c
d
b
PAGE 3 OF 3


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn