Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39461B5054Z810 Datasheet(PDF) 3 Page - TDK Electronics

Part No. B39461B5054Z810
Description  SAW Components SAW Rx filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39461B5054Z810 Datasheet(HTML) 3 Page - TDK Electronics

  B39461B5054Z810 Datasheet HTML 1Page - TDK Electronics B39461B5054Z810 Datasheet HTML 2Page - TDK Electronics B39461B5054Z810 Datasheet HTML 3Page - TDK Electronics B39461B5054Z810 Datasheet HTML 4Page - TDK Electronics B39461B5054Z810 Datasheet HTML 5Page - TDK Electronics B39461B5054Z810 Datasheet HTML 6Page - TDK Electronics B39461B5054Z810 Datasheet HTML 7Page - TDK Electronics B39461B5054Z810 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
April 01, 2008
B5054
455.00 MHz
SAW Components
SAW Rx filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
=
-30 ˚C to +70 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
455.00
MHz
Maximum insertion attenuation
α
max
450.0
...
460.0
MHz
2.2
3.01)
1) 2.5dB max at +15˚C to +35˚
dB
Amplitude ripple (p-p)
∆α
450.0
...
460.0
MHz
0.9
2.02)
2) 1.5dB max at +15˚C to +35˚
dB
Return Loss (VSWR)
450.0
...
460.0
MHz
1.8
2.1
dB
Attenuation
α
50.0
...
326.0
MHz
27
56
dB
326.0
...
445.0
MHz
12
18
dB
465.0
...
530.0
MHz
6
14
dB
530.0
...
611.0
MHz
27
50
dB
611.0
...
623.0
MHz
45
49
dB
623.0
... 1706.0
MHz
27
32
dB
1706.0
... 2100.0
MHz
27
30
dB


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn