Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39461B5054Z810 Datasheet(PDF) 2 Page - TDK Electronics

Part No. B39461B5054Z810
Description  SAW Components SAW Rx filter
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TDK [TDK Electronics]
Homepage  http://www.tdk.com
Logo TDK - TDK Electronics

B39461B5054Z810 Datasheet(HTML) 2 Page - TDK Electronics

  B39461B5054Z810 Datasheet HTML 1Page - TDK Electronics B39461B5054Z810 Datasheet HTML 2Page - TDK Electronics B39461B5054Z810 Datasheet HTML 3Page - TDK Electronics B39461B5054Z810 Datasheet HTML 4Page - TDK Electronics B39461B5054Z810 Datasheet HTML 5Page - TDK Electronics B39461B5054Z810 Datasheet HTML 6Page - TDK Electronics B39461B5054Z810 Datasheet HTML 7Page - TDK Electronics B39461B5054Z810 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
April 01, 2008
B5054
455.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Rx filter
Data sheet
Application
s
Low-loss IF filter for base station
TETRA systems, receive path (Rx)
s
Unbalanced to unbalanced or unbalanced to bal-
anced opertation
s
Low amplitude ripple
s
No external matching required
s
Usable passband 10 MHz
Features
s
Package size 3.8 x 3.8 x 1.35 mm3
s
Package code QCC8B
s
RoHS compatible
s
Approximate weight 0.07 g
s
Package for Surface Mount Technology (SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
Pin configuration
s
5
Input
s
1
Output / Output balanced
s
2
Output ground / Output balanced
s
3,6,7
To be grounded
s
4,8
Case ground


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn