Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHRF2343S-PF-B01 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LHRF2343S-PF-B01
Description  SUPER BRIGHT ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRF2343S-PF-B01 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LHRF2343S-PF-B01 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHRF2343S-PF-B01 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHRF2343S-PF-B01 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHRF2343S-PF-B01 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHRF2343S-PF-B01 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRF2343S-PF-B01 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Water Clear
COLOR
Lens
AlGaInP
MATERIAL
LHRF2343S-PF-B01
PART NO
Red
Emitted
6200
Luminous
intensity
@20mA(mcd)
Typ.
20
Spectral
halfwidth
△λnm
625
Dominant
wave
length
λDnm
2.6
Max.
Forward
voltage
@
mA(V)
1.7
Min.
20
4000
Min.
Viewing
angle
2
θ1/2
(deg)
44
2/5
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
UNIT
mA
mA
μA
V
mW
30
60
HRF(S)
Ratings
10
2000
Ir
-40 ~ +85
-40 ~ +100
72
PART NO. LHRF2343S-PF-B01
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Parameter
Operating Temperature
Storage Temperature
Electrostatic Discharge
Reverse Current @5V
Power Dissipation
Typical Electrical & Optical Characteristics (Ta=25
)
Symbol
ESD
Topr
Tstg
IF
PD
IFP
Absolute Maximum Ratings at Ta=25
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.


Similar Part No. - LHRF2343S-PF-B01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHRF2340-1-PF LIGITEK-LHRF2340-1-PF Datasheet
135Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LHRF2340-PF LIGITEK-LHRF2340-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
More results

Similar Description - LHRF2343S-PF-B01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8SRF3330-PF LIGITEK-L8SRF3330-PF Datasheet
141Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2040-PF LIGITEK-L9SEF2040-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2043-W74 LIGITEK-L9SEF2043-W74 Datasheet
119Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG3833-PF LIGITEK-L9UG3833-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG42241-PF LIGITEK-L9UG42241-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L10URF3333S LIGITEK-L10URF3333S Datasheet
224Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF2043-PF LIGITEK-LURF2043-PF Datasheet
110Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF13440S-PF LIGITEK-LURF13440S-PF Datasheet
118Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF3333S LIGITEK-LURF3333S Datasheet
67Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13741-PF LIGITEK-LVG13741-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13743-PF LIGITEK-LVG13743-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com