Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STRS5707 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part No. STRS5707
Description  OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STRS5707 Datasheet(HTML) 3 Page - Allegro MicroSystems

  STRS5707 Datasheet HTML 1Page - Allegro MicroSystems STRS5707 Datasheet HTML 2Page - Allegro MicroSystems STRS5707 Datasheet HTML 3Page - Allegro MicroSystems STRS5707 Datasheet HTML 4Page - Allegro MicroSystems STRS5707 Datasheet HTML 5Page - Allegro MicroSystems STRS5707 Datasheet HTML 6Page - Allegro MicroSystems STRS5707 Datasheet HTML 7Page - Allegro MicroSystems STRS5707 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.allegromicro.com
STR-S5707 AND STR-S5708
OFF-LINE
QUASI-RESONANT FLYBACK
SWITCHING REGULATORS
ELECTRICAL CHARACTERISTICS at T
A = +25°C, VIN = 8.5 V, voltage measurements are refer-
enced to Common (pin 2) (unless otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ. Max.
Units
On-State Voltage
V
INT
Turn-on, increasing V
IN
7.6
8.0
8.4
V
Under-Voltage Lockout
V
INQ
Turn-off, decreasing V
IN
4.6
4.9
5.2
V
Over-Voltage Threshold
V
OVP(th)
9.2
10.7
V
Output Leakage Current
I
CEX
V
CE = 850 V, VBE = -1.5 V
––
100
µA
Output Saturation Voltage
V
CE(sat)
STR-S5707, I
C = 2 A, IB = 400 mA
––
400
mV
STR-S5708, I
C = 3 A, IB = 600 mA
––
400
mV
V
BE(sat)
STR-S5707, I
C = 2 A, IB = 400 mA
––
1.5
V
STR-S5708, I
C = 3 A, IB = 600 mA
––
1.5
V
DC Current Gain
h
FE
V
CE = 4 V, IC = 1 A
29
61
Maximum ON Time
t
on
33
41
µs
Minimum OFF Time
t
off
45
55
µs
Over-Current Threshold
V
OCP(th)
-0.88
-1.0
-1.12
V
Sense Voltage
V
SENSE
I
SENSE = 3.2 mA
31.7
32.0
32.3
V
Inhibit Threshold Voltage
V
INH(th)
Oscillation stops
0.65
0.75
0.85
V
Oscillation synchronized
1.4
2.0
V
Oscillation stops (fault latch set)
3.2
5.1
5.8
V
Latch Holding Current
I
INH
V
IN reduced from 10.7 V to 4 V
––
500
µA
Latch Reset Voltage
V
Q
I
IN ≤ 100 µA, VIN reduced from 10.7 V
2.5
3.1
V
Ref. Voltage Temp. Coeff.
α
VZ
-20
°C ≤ T
F ≤ +100°C, IIN = 3.2 mA
2.5
mV/
°C
Supply Current
I
IN(ON)
Operating
15
28
mA
I
IN(OFF)
––
200
µA
Insulation RMS Voltage
V
WM(RMS)
All terminals simultaneous reference
2000
––
V
metal plate against backside
Thermal Shutdown
T
J
125
150
°C
Thermal Resistance
RθJM
Output junction to mounting surface
2.0
°C/W
NOTES: Negative current is defined as coming out of (sourcing) the specified device terminal.
Typical Data is for design information only.


Similar Part No. - STRS5707

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
STRS5706 ETC1-STRS5706 Datasheet
110Kb / 1P
   STRS5706
More results

Similar Description - STRS5707

ManufacturerPart No.DatasheetDescription
Allegro MicroSystems
Allegro MicroSystems
STRS6708 ALLEGRO-STRS6708 Datasheet
138Kb / 8P
   OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
STR-S6703 ALLEGRO-STR-S6703 Datasheet
158Kb / 8P
   OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
STRS6709 ALLEGRO-STRS6709 Datasheet
138Kb / 8P
   OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
STR-S5707 ALLEGRO-STR-S5707 Datasheet
163Kb / 8P
   OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
STR-S6707 ALLEGRO-STR-S6707 Datasheet
162Kb / 8P
   OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
STRS6707 ALLEGRO-STRS6707 Datasheet
162Kb / 8P
   OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
STR-S5703 ALLEGRO-STR-S5703 Datasheet
162Kb / 8P
   OFF-LINE SWITCHING REGULATOR WITH BIPOLAR SWITCHING TRANSISTOR
Sanken electric
Sanken electric
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
Allegro MicroSystems
Allegro MicroSystems
STR-X6737 ALLEGRO-STR-X6737 Datasheet
555Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N_V ALLEGRO-STR-X6759N_V Datasheet
434Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz