Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STRS5707 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part No. STRS5707
Description  OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

STRS5707 Datasheet(HTML) 8 Page - Allegro MicroSystems

   
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
STR-S5707 AND STR-S5708
OFF-LINE
QUASI-RESONANT FLYBACK
SWITCHING REGULATORS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
SWITCHING REGULATOR PMCMs
Part
Number*
Application
VI
Max PO
Power Switch
3002M
5 V switching regulator and a
7.0-33 V
500 mA
bipolar
9 V switching regulator†–
400 mA
bipolar
3004M
5 V switching regulator and
7.0-33 V
500 mA
bipolar
Dual 9 V switching regulator
2 x 400 mA
bipolar
S5703
Quasi-resonant flyback converter
110/120 V
140 W
500 V
6 A
bipolar
S5707
Quasi-resonant flyback converter
85-265 V
90 W
850 V
6 A
bipolar
220/240V
140 W
S5708
Quasi-resonant flyback converter
85-265 V
120 W
850 V
7.5 A
bipolar
220/240 V
180 W
S6703
Quasi-resonant flyback converter
110/120V
140 W
500 V
6 A
bipolar
S6704
Quasi-resonant flyback converter
110/120 V
100 W
500 V
5 A
bipolar
S6707
Quasi-resonant flyback converter
85-265 V
90 W
850 V
6 A
bipolar
220/240 V
140 W
S6708
Quasi-resonant flyback converter
85-265 V
120 W
850 V
7.5 A
bipolar
220/240 V
180 W
S6709
Quasi-resonant flyback converter
85-265 V
160 W
850 V
10 A
bipolar
220/240 V
220 W
8033S
3.3 V switching regulator
5.5-28 V
3 A
bipolar
8050S
5.0 V switching regulator
7.0-40 V
3 A
bipolar
8090S
9.0 V switching regulator
12-40V
3 A
bipolar
8120S
12 V switching regulator
15-40 V
3 A
bipolar
8150S
15 V switching regulator
18-40 V
3 A
bipolar
* Complete part number includes additional characters to indicate operating temperature range and/or package style.
† Also includes linear regulator output for 15.7 V at 1.0 A.
‡ Without heat sink.
The products described here are manufactured in Japan by Sanken Electric Co., Ltd. for sale by
Allegro MicroSystems, Inc.
Sanken Electric Co., Ltd. and Allegro MicroSystems, Inc. reserve the right to make, from time to
time, such departures from the detail specifications as may be required to permit improvements in
the performance, reliability, or manufacturability of their products. Therefore, the user is cautioned
to verify that the information in this publication is current before placing any order.
These products are not authorized for use as critical components in life-support appliances,
devices, or systems without express written approval.
The information included herein is believed to be accurate and reliable. However, Sanken
Electric Co., Ltd. and Allegro MicroSystems, Inc. assume no responsibility for its use; nor for any
infringements of patents or other rights of third parties which may result from its use.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn