Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG-5630WKZ-DT-1-P-A02 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LG-5630WKZ-DT-1-P-A02
Description  0.4W Power Light LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-5630WKZ-DT-1-P-A02 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LG-5630WKZ-DT-1-P-A02 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-P-A02 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-P-A02 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-P-A02 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-P-A02 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-P-A02 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-P-A02 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-P-A02 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-P-A02 Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
2/15
*. Cove / Undershelf / Task lighting.
*. Traffic signaling / Beacons / Rail crossing and Wayside lighting.
*. More Energy Efficient than lncandescent and most Halogen lamps.
*.Suitable for all SMT assembly and soldering methodes
*. RoHS compliant
*. Pb-Free Reflow soldering application
*. White colored SMTpackage
Features
*. Commercial and Residential Architectural lighting.
*. Portable(flashlight,bicycle).
*. Automotive Exterior (Stop-Tail-Tum,CHMSL,Mirror Side Repeat).
*. Backlights(Monitor,TV) / Light Guides.
*. Reading Light (car,bus,aircraft)
Typical Applications
*. Mini-accent / Uplighters / Downlighters / Orientation lighting
*. Fiber Optic Alternative / Decorative / Entertainment lighting.
*. Security / Garden lighting.
Page
Dimension
C
Anode(+)
3.0
2.3
0.3
1.6
2.1
0.8
0.5
1.62
0.5
1.28
0.8
6.8
3.8
0.9
5.6
2.0
Recommended Solder Patterns
5.3
Note:
1.The tolerance unless mentioned is ±0.1mm,unit=mm.
2.The slug has polarity as anode.
3.It is strongly recommended to apply on electrically isolated
heat conducting film between the slug and contact surfaces.
A
C
Cathode(-)
Slug


Similar Part No. - LG-5630WKZ-DT-1-P-A02

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-5630WKZ-DT-1-P-A03 LIGITEK-LG-5630WKZ-DT-1-P-A03 Datasheet
343Kb / 15P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-A04 LIGITEK-LG-5630WKZ-DT-1-P-A04 Datasheet
368Kb / 16P
   0.4W Power Light LED
More results

Similar Description - LG-5630WKZ-DT-1-P-A02

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-5630WKZ-DT-1-P-CRH LIGITEK-LG-5630WKZ-DT-1-P-CRH Datasheet
1Mb / 15P
   0.4W Power Light LED
LG-5630WKZ-DT-1-CW LIGITEK-LG-5630WKZ-DT-1-CW Datasheet
225Kb / 17P
   0.4W Power Light LED
LG-5630WKZ-1-P-C-D811 LIGITEK-LG-5630WKZ-1-P-C-D811 Datasheet
393Kb / 15P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-A04 LIGITEK-LG-5630WKZ-DT-1-P-A04 Datasheet
368Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-NW-D01 LIGITEK-LG-5630WKZ-DT-1-P-NW-D01 Datasheet
442Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-A03 LIGITEK-LG-5630WKZ-DT-1-P-A03 Datasheet
343Kb / 15P
   0.4W Power Light LED
LG-5630WKZ-DT-1-WW-D02 LIGITEK-LG-5630WKZ-DT-1-WW-D02 Datasheet
389Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-WW-D02 LIGITEK-LG-5630WKZ-DT-1-P-WW-D02 Datasheet
339Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-CW-D02 LIGITEK-LG-5630WKZ-DT-1-P-CW-D02 Datasheet
266Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-A10 LIGITEK-LG-5630WKZ-DT-1-P-A10 Datasheet
409Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-1-T140-P-CRH3 LIGITEK-LG-5630WKZ-1-T140-P-CRH3 Datasheet
350Kb / 15P
   0.4W Power Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com