Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG-5630WKZ-DT-1-P-A02 Datasheet(PDF) 10 Page - LIGITEK electronics co., ltd.

Part # LG-5630WKZ-DT-1-P-A02
Description  0.4W Power Light LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-5630WKZ-DT-1-P-A02 Datasheet(HTML) 10 Page - LIGITEK electronics co., ltd.

Back Button LG-5630WKZ-DT-1-P-A02 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-P-A02 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-P-A02 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-P-A02 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-P-A02 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-P-A02 Datasheet HTML 11Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-P-A02 Datasheet HTML 12Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-P-A02 Datasheet HTML 13Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-P-A02 Datasheet HTML 14Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10/15
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.6 Directivity Radiation
-30°
75%
100%
-60°
100%
50% 75%
25%
0
50%
25%
0°
60°
30°
Wavelength (nm)
Fig.5 Luminous Spectrum(Ta=25)
SPECTRAL RADIANCE
100
700
20
400
0
500
600
60
40
80
800


Similar Part No. - LG-5630WKZ-DT-1-P-A02

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-5630WKZ-DT-1-P-A03 LIGITEK-LG-5630WKZ-DT-1-P-A03 Datasheet
343Kb / 15P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-A04 LIGITEK-LG-5630WKZ-DT-1-P-A04 Datasheet
368Kb / 16P
   0.4W Power Light LED
More results

Similar Description - LG-5630WKZ-DT-1-P-A02

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-5630WKZ-DT-1-P-CRH LIGITEK-LG-5630WKZ-DT-1-P-CRH Datasheet
1Mb / 15P
   0.4W Power Light LED
LG-5630WKZ-DT-1-CW LIGITEK-LG-5630WKZ-DT-1-CW Datasheet
225Kb / 17P
   0.4W Power Light LED
LG-5630WKZ-1-P-C-D811 LIGITEK-LG-5630WKZ-1-P-C-D811 Datasheet
393Kb / 15P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-A04 LIGITEK-LG-5630WKZ-DT-1-P-A04 Datasheet
368Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-NW-D01 LIGITEK-LG-5630WKZ-DT-1-P-NW-D01 Datasheet
442Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-A03 LIGITEK-LG-5630WKZ-DT-1-P-A03 Datasheet
343Kb / 15P
   0.4W Power Light LED
LG-5630WKZ-DT-1-WW-D02 LIGITEK-LG-5630WKZ-DT-1-WW-D02 Datasheet
389Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-WW-D02 LIGITEK-LG-5630WKZ-DT-1-P-WW-D02 Datasheet
339Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-CW-D02 LIGITEK-LG-5630WKZ-DT-1-P-CW-D02 Datasheet
266Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-A10 LIGITEK-LG-5630WKZ-DT-1-P-A10 Datasheet
409Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-1-T140-P-CRH3 LIGITEK-LG-5630WKZ-1-T140-P-CRH3 Datasheet
350Kb / 15P
   0.4W Power Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com