Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTW450X3T2 Datasheet(PDF) 5 Page - CT Micro International Corporation

Part # CTW450X3T2
Description  High Speed Phototransistor Optocoupl
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTW450X3T2 Datasheet(HTML) 5 Page - CT Micro International Corporation

  CTW450X3T2 Datasheet HTML 1Page - CT Micro International Corporation CTW450X3T2 Datasheet HTML 2Page - CT Micro International Corporation CTW450X3T2 Datasheet HTML 3Page - CT Micro International Corporation CTW450X3T2 Datasheet HTML 4Page - CT Micro International Corporation CTW450X3T2 Datasheet HTML 5Page - CT Micro International Corporation CTW450X3T2 Datasheet HTML 6Page - CT Micro International Corporation CTW450X3T2 Datasheet HTML 7Page - CT Micro International Corporation CTW450X3T2 Datasheet HTML 8Page - CT Micro International Corporation CTW450X3T2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CT Micro
Rev 3
Proprietary & Confidential
Page 5
Apr, 2016
CTW135, CTW136, CTW4502, CTW4503
9mm, 1Mbit/s High Speed Phototransistor Optocoupl
er
TA = 0 - 70°C (unless otherwise specified). Typical values are measured at TA = 250C and VCC=5V
Switching Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
TPHL
Propagation Delay
Time Logic High to
Logic Low
CTW135
CTW4502
RL=4.1K , TA=25°C
-
0.35
1.5
µs
RL=4.1K
-
-
2.0
CTW136
CTW4503
RL=1.9K , TA=25°C
-
0.35
0.8
RL=1.9K
-
-
1.0
TPLH
Propagation Delay
Time Logic Low to
Logic High
CTW135
CTW4502
RL=4.1K , TA=25°C
-
0.5
1.5
µs
RL=4.1K
-
-
2.0
CTW136
CTW4503
RL=1.9K , TA=25°C
-
0.3
0.8
RL=1.9K
-
-
1.0
CMH
Common Mode
Transient Immunity
at Logic High
CTW135
IF = 0mA , VCM=10Vp-p,
RL=4.1K , TA =25°C
1,000
-
-
V/µs
CTW136
IF = 0mA , VCM=10Vp-p,
RL=1.9K , TA =25°C
1,000
-
-
CTW4502
CTW4503
IF = 0mA , VCM=1500Vp-p,
RL=1.9K , TA =25°C
15,000
20,000
CML
Common Mode
Transient Immunity
at Logic Low
CTW135
IF = 16mA , VCM=10Vp-p,
RL=4.1K , TA =25°C
1,000
-
-
V/µs
CTW136
IF = 16mA , VCM=1500Vp-p,
RL=1.9K , TA=25°C
1,000
-
-
CTW4502
CTW4503
IF = 16mA , VCM=1500Vp-p,
RL=1.9K , TA=25°C
15,000
20,000


Similar Part No. - CTW450X3T2

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTW137 CTMICRO-CTW137 Datasheet
1Mb / 15P
   9mm, 10MBit/s Logic Gate Optocoupler
CTW138 CTMICRO-CTW138 Datasheet
1Mb / 14P
   Low Input Current Photodarlington Coupler
CTW13X8 CTMICRO-CTW13X8 Datasheet
1Mb / 14P
   Low Input Current Photodarlington Coupler
CTW13X8SL CTMICRO-CTW13X8SL Datasheet
1Mb / 14P
   Low Input Current Photodarlington Coupler
CTW13X8SLT1 CTMICRO-CTW13X8SLT1 Datasheet
1Mb / 14P
   Low Input Current Photodarlington Coupler
More results

Similar Description - CTW450X3T2

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
6N135 CTMICRO-6N135 Datasheet
1Mb / 16P
   1Mbit/s High Speed Phototransistor Optocoupler
logo
List of Unclassifed Man...
6N135 ETC-6N135 Datasheet
62Kb / 4P
   HIGH SPEED OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ON Semiconductor
FOD819 ONSEMI-FOD819 Datasheet
269Kb / 11P
   FOD819 4-Pin DIP High Speed Phototransistor Optocouplers
July, 2018 ??Rev. 2
logo
List of Unclassifed Man...
ICPL2533 ETC-ICPL2533 Datasheet
66Kb / 4P
   HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
ICPL2530 ETC-ICPL2530 Datasheet
67Kb / 4P
   HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
ICPL4502 ETC-ICPL4502 Datasheet
64Kb / 4P
   HIGH SPEED, NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
Hamamatsu Corporation
S4404-01 HAMAMATSU-S4404-01 Datasheet
190Kb / 2P
   High sensitivity phototransistor
logo
Fairchild Semiconductor
H11D1 FAIRCHILD-H11D1 Datasheet
382Kb / 8P
   HIGH VOLTAGE PHOTOTRANSISTOR OPTOCOUPLERS
4N38SR2M FAIRCHILD-4N38SR2M Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1SR2M FAIRCHILD-H11D1SR2M Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com