Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTS452T2 Datasheet(PDF) 3 Page - CT Micro International Corporation

Part # CTS452T2
Description  SDIP-6 1 Mbit/s High Speed Transistor Coupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTS452T2 Datasheet(HTML) 3 Page - CT Micro International Corporation

  CTS452T2 Datasheet HTML 1Page - CT Micro International Corporation CTS452T2 Datasheet HTML 2Page - CT Micro International Corporation CTS452T2 Datasheet HTML 3Page - CT Micro International Corporation CTS452T2 Datasheet HTML 4Page - CT Micro International Corporation CTS452T2 Datasheet HTML 5Page - CT Micro International Corporation CTS452T2 Datasheet HTML 6Page - CT Micro International Corporation CTS452T2 Datasheet HTML 7Page - CT Micro International Corporation CTS452T2 Datasheet HTML 8Page - CT Micro International Corporation CTS452T2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CT Micro
Rev.1
Proprietary & Confidential
Page 3
May, 2015
CTS452, CTS453
SDIP-6 1 Mbit/s High Speed Transistor Coupler
Electrical Characteristics
TA = 0 - 70°C (unless otherwise specified). Typical values are measured at TA = 250C and VCC=5V
Emitter Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VF
Forward voltage
IF = 16mA
-
1.45
1.6
V
VR
Reverse Voltage
IR = 10µA
5.0
-
-
V
VF/ TA
Temperature coefficient of forward
voltage
IF =16mA
-
-1.6
-
mV/°C
Detector Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
IOH
Logic High Output Current
IF=0mA, VO=VCC=5.5V,
TA=25°C
-
0.001
0.5
µA
IF=0mA, VO=VCC=15V,
TA=25°C
-
0.01
1
IF=0mA, VO=VCC=15V
-
-
50
ICCL
Logic Low Supply Current
IF=16mA, VO=Open,
VCC=15V
-
120
200
µA
ICCH
Logic High Supply Current
IF=0mA, VO=Open, VCC=15V,
TA=25°C
-
0.01
1
µA
IF=0mA, VO=Open,
VCC=15V
-
-
2


Similar Part No. - CTS452T2

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTS4669 FILTRAN-CTS4669 Datasheet
21Kb / 1P
   ISDN S-BUS Common Mode Inductor
logo
CT Micro International ...
CTS480 CTMICRO-CTS480 Datasheet
1Mb / 15P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
Rev.3 Nov, 2022
logo
Central Technologies
CTS4F CT-CTS4F Datasheet
168Kb / 1P
   Shielded Inductors - Axial
CTS4F-100J CT-CTS4F-100J Datasheet
168Kb / 1P
   Shielded Inductors - Axial
CTS4F-100K CT-CTS4F-100K Datasheet
168Kb / 1P
   Shielded Inductors - Axial
More results

Similar Description - CTS452T2

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTM452 CTMICRO-CTM452 Datasheet
1Mb / 12P
   5 Pin Mini-Flat 1 Mbit/s High Speed Transistor Coupler
CTS600 CTMICRO-CTS600 Datasheet
1Mb / 13P
   SDIP-6 10Mbit/s High Speed Logic Gate Optocoupler
logo
NEC
PS2041 NEC-PS2041 Datasheet
107Kb / 4P
   HIGH SPEED 6 PIN PHOTO COUPLER
logo
Guangdong Youtai Semico...
6N138 UMW-6N138 Datasheet
1Mb / 11P
   Darlington High Speed Transistor Photo Coupler
logo
Vishay Siliconix
SFH6345-X017T VISHAY-SFH6345-X017T Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/關s
Rev. 2.1, 09-Mar-12
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Marktech Corporate
6N137 MARKTECH-6N137 Datasheet
144Kb / 4P
   HIGH SPEED COUPLER?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com