Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTS701T1 Datasheet(PDF) 8 Page - CT Micro International Corporation

Part # CTS701T1
Description  0.6A MOSFET/IGBT Gate Driver Optocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTS701T1 Datasheet(HTML) 8 Page - CT Micro International Corporation

Back Button CTS701T1 Datasheet HTML 4Page - CT Micro International Corporation CTS701T1 Datasheet HTML 5Page - CT Micro International Corporation CTS701T1 Datasheet HTML 6Page - CT Micro International Corporation CTS701T1 Datasheet HTML 7Page - CT Micro International Corporation CTS701T1 Datasheet HTML 8Page - CT Micro International Corporation CTS701T1 Datasheet HTML 9Page - CT Micro International Corporation CTS701T1 Datasheet HTML 10Page - CT Micro International Corporation CTS701T1 Datasheet HTML 11Page - CT Micro International Corporation CTS701T1 Datasheet HTML 12Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 8
Jan, 2014
CTS701
0.6A MOSFET/IGBT Gate Driver Optocoupler
IF=7mA
to 16mA
0.1uF
100mA
VO
+
-
VCC=10V to 30V
0.1uF
100mA
VO
+
-
VCC=10V to 30V
VF= -0.3V
to 0.8V
+
-
Fig. 13 Test circuit : VOH
Fig. 14 Test circuit : VOL
IF=7mA
to 16mA
0.1uF
VO
+
-
VCC=10V to 30V
0.1uF
VO
+
-
VCC=10V to 30V
VF= -0.3V
to 0.8V
+
-
Fig. 15 Test circuit : ICCH
Fig. 16 Test circuit : ICCL
0.1uF
+
-
VCC=10V to 30V
VO > 1V
IF=7mA
to 16mA
0.1uF
+
-
VCC=10V to 30V
VO < 1V
VF= -0.3V
to 0.8V
+
-
Fig. 17 Test circuit: IFLH
Fig. 18 Test circuit: VFHL


Similar Part No. - CTS701T1

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTS700 CTMICRO-CTS700 Datasheet
1Mb / 17P
   2.5A MOSFET/IGBT Gate Driver Optocoupler
logo
Sensortechnics GmbH
CTS707510C SENSORTECHNICS-CTS707510C Datasheet
94Kb / 6P
   CTS707510C
More results

Similar Description - CTS701T1

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT3150 CTMICRO-CT3150 Datasheet
1Mb / 15P
   1.0A MOSFET/IGBT Gate Driver Optocoupler
CTS700 CTMICRO-CTS700 Datasheet
1Mb / 17P
   2.5A MOSFET/IGBT Gate Driver Optocoupler
CT350 CTMICRO-CT350 Datasheet
1Mb / 15P
   2.5A MOSFET/IGBT Gate Driver Optocoupler
CTW3120 CTMICRO-CTW3120 Datasheet
1Mb / 14P
   2.5A MOSFET/IGBT Gate Driver Optocoupler
CTS314 CTMICRO-CTS314 Datasheet
1Mb / 14P
   1.0A MOSFET/IGBT Gate Driver Optocoupler
Rev.3 Nov, 2022
CT3120 CTMICRO-CT3120 Datasheet
1Mb / 15P
   2.5A MOSFET/IGBT Gate Driver Optocoupler
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P314 AVAGO-ACPL-P314 Datasheet
202Kb / 14P
   0.6 Amp Output Current IGBT Gate Driver Optocoupler
logo
Broadcom Corporation.
ACPL-P314 BOARDCOM-ACPL-P314 Datasheet
1Mb / 17P
   0.6-Amp Output Current IGBT Gate Driver Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com