Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV06B330JB Datasheet(PDF) 2 Page - Comchip Technology

Part # TV06B330JB
Description  SMD Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV06B330JB Datasheet(HTML) 2 Page - Comchip Technology

  TV06B330JB Datasheet HTML 1Page - Comchip Technology TV06B330JB Datasheet HTML 2Page - Comchip Technology TV06B330JB Datasheet HTML 3Page - Comchip Technology TV06B330JB Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and Characteristic Curves (TV06B5V0 Thru TV06B171)
Fig. 1 - Reverse Characteristics
Fig. 2 - Pulse Derating Curve
www.comchip.com.tw
COMCHIP
COMCHIP
0.1
1.0
10
100
1000
10000
MDS0211011A
Page 2
SMD Transient Voltage Suppressor
SMD Transient Voltage Suppressor
100
10
1.0
0.1
Non-Repetitive
Pulse Waveform
Shown in Fig. 3
TA=25 C
Mounted on 5mmx5mm
Copper Pads
Pulse Width, td (uS)
0
25
50
75
100
125
150
175
Ambient Temperature,TA ( C)
Ambient Temperature,TA ( C)
140
120
100
80
60
40
20
0
Fig. 4 - Typical Junction Capacitance
for Uni-Directional Devices
Breakdown Voltage,VBR (Volts)
10,000
1,000
100
0
1.0
10
100
200
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
Measure at
Standard-off
Voltage, Vwm
8.3mS Single Half Sine-Wave
(JEDEC Method) Tj=Tjmax
Fig. 6 - Maxinum Non-Repetitive Peak
Forward Surge Current (Uni-
Directional Only)
100
50
30
10
1
10
100
Number of Cycle at 60Hz
Mounted on
5mmx5mm
Copper pads
Measure at
Zero Bias
Fig. 5 - Typical Junction Capacitance
for Bi-Directional Devices
Breakdown Voltage,VBR (Volts)
10,000
1,000
100
0
1.0
10
100
200
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
Measure at
Standard-off
Voltage, Vwm
Measure at
Zero Bias
Fig. 3 - Pulse Waveform
Time, t (mS)
0
1.0
2.0
3.0
4.0
125
100
75
50
25
0
Pulse Width (td) is Defined
as the Point Where the peak
Current Decay to 50% of Ipp
Peak Value IPPM
Half Value Ipp/2
10/1000 uS Waveform
as Defined by R.E.A.
tr =10uS


Similar Part No. - TV06B330JB

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV06B330JB-HF COMCHIP-TV06B330JB-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV06B330JB

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com