Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XEL4012-920NE_ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # XEL4012-920NE_
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

XEL4012-920NE_ Datasheet(HTML) 1 Page - Coilcraft lnc.

  XEL4012-920NE_ Datasheet HTML 1Page - Coilcraft lnc. XEL4012-920NE_ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
VERY LO
W AC
DC LOSS
ES
AND
ShieldedPowerInductors XEL4012,4014
Document 1105-1
Document 1105-1 Revised 03/10/16
1. When ordering, please specify
packaging code:
XEL4014-781MEC
Packaging: C = 7″ machine-ready reel. EIA-481 embossed plastic tape.
B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added
($25 charge), use code letter C instead.
D = 13″ machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked
(4000 parts per full reel).
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 4395A or equivalent.
5. DC current at which the inductance drops 30% (typ) from its value without current.
6. Current that causes the specified temperature rise from 25°C ambient. This information is for reference only
and does not represent absolute maximum ratings.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Core material Composite
Environment RoHS compliant, halogen free
Terminations RoHS compliant, tin-silver over copper.
Weight 0.11 g
Ambient temperature –40°C to +125°C with (40°C)
Irms current.
Maximum part temperature +165°C (ambient + temp rise).
Storage temperature Component: –40°C to +165°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• Extremely low DCR and ultra low AC losses for high switching
frequencies (2 to 5 MHz)
• Superior current handling with soft saturation characteristics
• Can withstand high current spikes
• XEL4014: AEC-200 Grade 1 qualified (–40°C to +125°C ambient)
Inductance2
DCR (mOhms)3
SRF typ4
Isat5
Irms (A)6
Part number1
(nH)
typ
max
(MHz)
(A)
20°C rise 40°C rise
XEL4012-920NE_
92 ±30%
5.2
5.7
279
24.0
11.5
16.5
XEL4012-221NE_
220 ±30%
9.7
10.6
146
16.0
6.5
9.0
XEL4014-221ME_
220 ±20%
7.5
9.5
150
18.2
9.0
12.0
XEL4014-331ME_
330 ±20%
9.9
12.0
110
14.6
6.5
9.0
XEL4014-561ME_
560 ±20%
16.5
18.4
80
11.6
5.5
7.5
XEL4014-781ME_
780 ±20%
20.3
22.8
70
9.8
5.0
6.5
Irms Testing
Irms testing was performed on
0.75 inch wide × 0.25 inch thick
copper traces in still air.
Temperature rise is highly
dependent on many factors
including pcb land pattern,
trace size, and proximity to
other components. Therefore
temperature rise should
be verified in application
conditions.


Similar Part No. - XEL4012-920NE_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XEL4012-920NE_ COILCRAFT-XEL4012-920NE_ Datasheet
193Kb / 2P
   Shielded Power Inductors
More results

Similar Description - XEL4012-920NE_

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com