Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLR1075-121KE_ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # SLR1075-121KE_
Description  Shielded Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SLR1075-121KE_ Datasheet(HTML) 1 Page - Coilcraft lnc.

  SLR1075-121KE_ Datasheet HTML 1Page - Coilcraft lnc. SLR1075-121KE_ Datasheet HTML 2Page - Coilcraft lnc. SLR1075-121KE_ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
ShieldedPowerInductors – SLR1075
Document 1306-1
Document 1306-1 Revised 12/22/15
Core material Ferrite
Weight 3.5 – 3.6 g
Environmental RoHS compliant, halogen free
Terminations RoHS compliant matte tin over nickel over copper.
Ambient temperature –40°C to +85°C with (40°C rise)
Irms current.
Maximum part temperature +125°C (ambient + temp rise).
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 100/7
″ reel; 500/13″ reel; Plastic tape: 24 mm wide,
0.4 mm thick, 12 mm pocket spacing, 7.75 mm pocket depth
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• Tight DCR tolerance for inductor-DCR-based current
sensing circuits
• Excellent current handling, up to 93 A
• 10.4 × 8.0 × 7.4 mm surface mount package
• Designed for use in multi-phase VRM/VRD/EVRD regulators
1. When ordering, please specify
packaging code:
SLR1075-301KEC
Packaging:
C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (100 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked (500 parts per
full reel).
2. Inductance at 100 kHz, 0.1 Vrms, 0 Adc.
3. DC current that causes an inductance drop of 20% (typ) from its value
without current.
4. Current that causes the specified temperature rise from 25°C ambient.
This information is for reference only and does not represent absolute
maximum ratings.
5. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Inductance2
DCR ±7%
SRF typ
Isat (A)3
Irms (A)4
Part number1
±10% (nH)
(mOhms)
(MHz)
at 25°C
at 100°C
at 125°C
20°C rise 40°C rise
SLR1075-121KE_
120
0.29
59
93.0
78.5
72.0
50
67
SLR1075-151KE_
150
0.29
48
72.0
59.0
54.0
50
67
SLR1075-171KE_
170
0.29
44
65.0
51.5
48.0
50
67
SLR1075-221KE_
215
0.29
36
53.0
40.0
37.0
50
67
SLR1075-231KE_
230
0.29
35
49.0
36.5
33.5
50
67
SLR1075-271KE_
270
0.29
30
41.0
32.0
29.5
50
67
SLR1075-301KE_
300
0.29
27
36.0
26.5
24.0
50
67
Irms Testing
Irms testing was performed on 0.75 inch wide × 0.25 inch thick
copper traces in still air.
Temperature rise is highly dependent on many factors including
pcb land pattern, trace size, and proximity to other components.
Therefore temperature rise should be verified in application
conditions.


Similar Part No. - SLR1075-121KE_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SLR1070 COILCRAFT-SLR1070 Datasheet
215Kb / 3P
   Shielded Power Inductors
SLR1070-121KE_ COILCRAFT-SLR1070-121KE_ Datasheet
215Kb / 3P
   Shielded Power Inductors
SLR1070-141KE_ COILCRAFT-SLR1070-141KE_ Datasheet
215Kb / 3P
   Shielded Power Inductors
SLR1070-171KE_ COILCRAFT-SLR1070-171KE_ Datasheet
215Kb / 3P
   Shielded Power Inductors
SLR1070-221KE_ COILCRAFT-SLR1070-221KE_ Datasheet
215Kb / 3P
   Shielded Power Inductors
More results

Similar Description - SLR1075-121KE_

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com