Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLC7649S-700KL_ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # SLC7649S-700KL_
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SLC7649S-700KL_ Datasheet(HTML) 1 Page - Coilcraft lnc.

  SLC7649S-700KL_ Datasheet HTML 1Page - Coilcraft lnc. SLC7649S-700KL_ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shielded Power Inductors – SLC7649
Document 481-1
Document 481-1 Revised 09/15/15
1. When ordering, please specify
termination and packaging code:
SLC7649S-101KLC
Termination: L = RoHS compliant matte tin over nickel over copper
Special order: T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (250 per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape (1000 per full reel). Factory order only, not
stocked.
2. Inductance tested at 100 kHz, 0.1 Vrms using an Agilent/HP 4263B
LCR meter or equivalent.
3. DCR is measured between the two points indicated on the dimen-
sional drawing.
4. SRF measured using an Agilent/HP 8753ES network analyzer or
equivalent.
5. DC current at 25°C that causes a 20% (typ) inductance drop from its
value without current. Click for temperature derating information.
6. Current that causes a 40°C temperature rise from 25°C ambient. This
information is for reference only and does not represent absolute
maximum ratings. Click for temperature derating information.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
L
DCR
SRF
±10%2
±5%3
typ4
Isat5
Irms6
Part number1
(nH)
(mOhms) (MHz)
(A)
(A)
SLC7649S-360KL_
36
0.17
1150
100
39
SLC7649S-500KL_
50
0.17
900
84
39
SLC7649S-700KL_
70
0.17
750
65
39
SLC7649S-101KL_
100
0.17
110
42
39
SLC7649S-121KL_
120
0.17
78
33
39
SLC7649S-151KL_
150
0.17
67
27
39
Recommended
Land Pattern
0.300
7,62
max
0.195
4,96
max
0.085
2,16
0.295
7,49
max
Dash
number
Internal
code
XXX
X
0.225
5,72
0.135
3,43
0.100
2,54
0.105
2,67
Points used for measuring DCR
Dimensions are in
inches
mm
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant matte tin over nickel over copper.
Other terminations available at additional cost.
Weight 0.9 g
Ambient temperature –40°C to +85°C with (40°C rise)
Irms current.
Maximum part temperature +125°C (ambient + temp rise). Derating.
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 250/7
″reel; 1000/13″ reel Plastic tape: 16 mm wide,
0.35 mm thick, 12 mm pocket spacing, 5 mm pocket depth
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• Designed for use in multi-phaseVRM/VRD regulators and high
current/high frequency DC/DC converters.
• Requires only 60 mm2 of board space; can handle up to 100A


Similar Part No. - SLC7649S-700KL_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SLC7649S-700KL COILCRAFT-SLC7649S-700KL Datasheet
214Kb / 2P
   SMT Power Inductors
SLC7649S-700KL COILCRAFT-SLC7649S-700KL Datasheet
195Kb / 2P
   Shielded Power Inductors
More results

Similar Description - SLC7649S-700KL_

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com