Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPD4012-683MR_ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # LPD4012-683MR_
Description  Coupled Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPD4012-683MR_ Datasheet(HTML) 2 Page - Coilcraft lnc.

  LPD4012-683MR_ Datasheet HTML 1Page - Coilcraft lnc. LPD4012-683MR_ Datasheet HTML 2Page - Coilcraft lnc. LPD4012-683MR_ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Coupled Inductors for SEPIC Applications–LPD4012 Series
Document 580-2 Revised 02/15/11
Document 580-2
Document 580-2 Revised 11/09/15
Coupled Inductor Core and Winding Loss Calculator
This web-based utility allows you to enter frequency, peak-to-peak
(ripple) current, and
Irms current to predict temperature rise and
overall losses, including core loss. Go to online calculator.
Coupling
Leakage
Isat (A)6
Irms (A)
Inductance2 DCR max3 SRF typ4 coefficient
L typ5
10%
20%
30%
both
one
Part number1
(µH)
(Ohms)
(MHz)
typ
(µH)
drop
drop
drop
windings7 winding8
LPD4012-331NR_
0.33 ±30%
0.042
255
0.94
0.06
5.2
5.4
5.6
1.87
2.65
LPD4012-561NR_
0.56 ±30%
0.087
185
0.95
0.08
3.7
3.8
3.9
1.30
1.84
LPD4012-821NR_
0.82 ±30%
0.100
130
0.97
0.09
3.2
3.3
3.4
1.21
1.72
LPD4012-152NR_
1.5 ±30%
0.185
86
0.97
0.11
2.50
2.81
2.91
1.15
1.62
LPD4012-222NR_
2.2 ±30%
0.235
70
0.98
0.14
2.30
2.40
2.50
0.95
1.35
LPD4012-332NR_
3.3 ±30%
0.320
48
0.98
0.16
1.80
1.90
2.00
0.75
1.06
LPD4012-472MR_
4.7 ±20%
0.500
39
0.98
0.18
1.60
1.70
1.80
0.65
0.92
LPD4012-562MR_
5.6 ±20%
0.620
32
0.99
0.20
1.50
1.60
1.60
0.55
0.78
LPD4012-682MR_
6.8 ±20%
0.530
31
0.99
0.22
1.20
1.52
1.63
0.60
0.86
LPD4012-822MR_
8.2 ±20%
0.600
29
0.99
0.24
1.10
1.20
1.30
0.55
0.78
LPD4012-103MR_
10 ±20%
0.750
25
0.99
0.26
0.98
1.00
1.10
0.50
0.71
LPD4012-153MR_
15 ±20%
1.13
21
0.99
0.30
0.90
0.92
0.94
0.43
0.60
LPD4012-223MR_
22 ±20%
1.63
15
0.99
0.34
0.70
0.82
0.84
0.34
0.48
LPD4012-333MR_
33 ±20%
1.83
12
>0.99
0.41
0.37
0.57
0.58
0.31
0.44
LPD4012-473MR_
47 ±20%
2.52
8.8
>0.99
0.51
0.33
0.39
0.40
0.28
0.39
LPD4012-683MR_
68 ±20%
3.23
7.8
>0.99
0.66
0.27
0.36
0.37
0.25
0.36
LPD4012-823MR_
82 ±20%
3.66
7.3
>0.99
0.75
0.27
0.27
0.29
0.23
0.31
LPD4012-104MR_
100 ±20%
4.76
6.1
>0.99
0.86
0.22
0.28
0.29
0.20
0.27
LPD4012-124MR_
120 ±20%
5.54
5.3
>0.99
0.98
0.21
0.26
0.27
0.19
0.27
LPD4012-154MR_
150 ±20%
6.90
4.6
>0.99
1.19
0.18
0.26
0.27
0.17
0.23
LPD4012-184MR_
180 ±20%
8.75
4.1
>0.99
1.40
0.16
0.21
0.23
0.14
0.18
LPD4012-224MR_
220 ±20%
11.24
3.3
>0.99
1.66
0.15
0.16
0.17
0.12
0.17
LPD4012-334MR_
330 ±20%
17.00
2.8
>0.99
2.45
0.13
0.16
0.16
0.10
0.14
1. Please specify
termination and packaging codes:
LPD4012-334MRC
Termination: R = RoHS compliant, matte tin over nickel over silver.
Special order:
Q = RoHS tin-silver-copper (95.5/4/0.5) or
P = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (1000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter D instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked (3500 parts per
full reel).
2. Inductance shown for each winding, measured at 100 kHz, 0.1 Vrms,
0 Adc on an Agilent/HP 4284A LCR meter or equivalent. When leads
are connected in parallel, inductance is the same value. When leads
are connected in series, inductance is four times the value.
3. DCR is for each winding. When leads are connected in parallel, DCR
is half the value. When leads are connected in series, DCR is twice the
value.
4. SRF measured using an Agilent/HP 4191A or equivalent. When leads
are connected in parallel, SRF is the same value.
5. Leakage Inductance is for L1 and is measured with L2 shorted.
6. DC current at 25°C that causes the specified inductance drop from its
value without current. It is the sum of the current flowing in both windings.
7. Equal current when applied to each winding simultaneously that
causes a 40°C temperature rise from 25°C ambient. This information is
for reference only and does not represent absolute maximum ratings.
8. Maximum current when applied to one winding that causes a 40°C
temperature rise from 25°C ambient. This information is for reference
only and does not represent absolute maximum ratings.
9. Electrical specifications at 25°C.
Refer to Doc 639 “Selecting Coupled Inductors for SEPIC Applications.”
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


Similar Part No. - LPD4012-683MR_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPD4012-683ML COILCRAFT-LPD4012-683ML Datasheet
234Kb / 3P
   Coupled Inductors
More results

Similar Description - LPD4012-683MR_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPR4012-202AML COILCRAFT-LPR4012-202AML Datasheet
210Kb / 2P
   Coupled Inductors
MSD1278T COILCRAFT-MSD1278T Datasheet
238Kb / 3P
   Coupled Inductors
MSD1048 COILCRAFT-MSD1048 Datasheet
512Kb / 3P
   Coupled Inductors
MSD1260 COILCRAFT-MSD1260_15 Datasheet
513Kb / 3P
   Coupled Inductors
LPD5010 COILCRAFT-LPD5010 Datasheet
433Kb / 3P
   Coupled Inductors
LPD6235 COILCRAFT-LPD6235 Datasheet
453Kb / 3P
   Coupled Inductors
MSC1278 COILCRAFT-MSC1278 Datasheet
235Kb / 2P
   Coupled Inductors
MSD7342 COILCRAFT-MSD7342_15 Datasheet
431Kb / 3P
   Coupled Inductors
MSD1260-103MLD COILCRAFT-MSD1260-103MLD Datasheet
251Kb / 3P
   Coupled Inductors
LPD5030 COILCRAFT-LPD5030 Datasheet
275Kb / 3P
   Coupled Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com