Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY85806-11 Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # SKY85806-11
Description  Dual-Band 802.11a/g/n/ac Wireless LAN Front End
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY85806-11 Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button SKY85806-11_16 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY85806-11_16 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY85806-11_16 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY85806-11_16 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY85806-11_16 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY85806-11_16 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY85806-11_16 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY85806-11_16 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY85806-11_16 Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DATA SHEET • SKY85806-11: DUAL-BAND 802.11a/g/n/ac WIRELESS LAN FRONT END
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203186F • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • January 18, 2016
7
Table 8. SKY85806-11 Electrical Specifications: AC Characteristics: 5 GHz Receive Characteristics1
(VCC = 3.3 V, Control States 6 or 15, TA = 25
C as Measured on the Evaluation Board, All Unused Ports are Terminated with 50 Ω,
Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Minimum
Typical
Maximum
Units
Frequency range
fOUT
5150
5900
MHz
Receive gain:
LNA enabled
Bypass mode
S21
5150 MHz to 5900 MHz, control state 6 or 15
LNA bypassed:
Control state 7 or 16
Control state 8 or 17
+9.5
–6.2
–9.2
+11
–6
–9
+12.5
–4.7
–7.7
dB
dB
dB
Gain step
GSg
LNA gain vs LNA bypass, from control state 6 or 15 to
control state 8 or 17
19
20
21
dB
ANT
 RXa isolation
LTXRXa
Control states 9, 10, 18, and 19
+37
dB
BT
 RXa isolation
LBTRXa
Control states 9, 10, 18, and 19
+37
dB
Gain variation
∆S21
Over any 80 MHz band
Over the entire range
–0.5
–1.3
+0.5
+1.3
dB
dB
Noise figure
NF
Control state 6 or 15
+3.6
+3.8
dB
Return loss:
Input
Output
S11
S22
At antenna port for all 5 GHz receive gain states
At RXa port for all 5 GHz receive gain states
–14
–6
–10
dB
dB
Input:
1 dB Input Compression Point
3rd Order Input Intercept Point
IP1dB
IIP3
Control state 6 or 15
Control state 7, 8, 16, or 17
Control state 6 or 15
Control state 7, 8, 16, or 17
–4
+13
+3
+23
dBm
dBm
dBm
dBm
Rx gain switching
tEN
50% edge of the P0/P1 signal to 90%/10% of final output
power at the RXa port:
State 6 (or 15) to state 7 (or 16) and 8 (or 17)
State 7 (or 16) to state 6 (or 15) and 8 (or 17)
State 8 (or 18) to state 6 (or 15) and 7 (or 16)
160
160
160
250
250
250
ns
ns
ns
Low band gain
S21_OOB
2400 MHz to 2500 MHz, control states 6, 7, 8, 15, 16, or 17
–40
–37
dB
1 Performance is guaranteed only under the conditions listed in this table.
Table 9. SKY85806-11 Electrical Specifications: Logic Characteristics1
(VCC = VEN = 3.3 V, TA = 25
C as Measured on the Evaluation Board, All Unused Ports are Terminated with 50 Ω, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Minimum
Typical
Maximum
Units
Control voltage:
On state (Bluetooth only)
On state (all other controls)
Off state (all controls)
VCBT_ON
VCTL_ON
VCTL_OFF
3.0
3.0
0
3.3
3.6
3.6
0.2
V
V
V
Loss switch control:
Low
High
SWON
SWOFF
High state = VCTL_ON to VCTL_OFF
Low state = VCTL_OFF to VCTL_OFF
1.8
0
VCC
0.3
V
V
Bias current, each control line
ICTL_ON
No unused pull-up/down resistors
(excludes CBT pin when CBT = 3.3 V
and VDD = 0.0 V)
1
μA
Control input capacitance
CCTL
0.500
pF
1 Performance is guaranteed only under the conditions listed in this table.


Similar Part No. - SKY85806-11_16

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY85806-11 SKYWORKS-SKY85806-11 Datasheet
1Mb / 17P
   Dual-Band 802.11a-g-n-ac Wireless LAN
More results

Similar Description - SKY85806-11_16

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY85806-11 SKYWORKS-SKY85806-11 Datasheet
1Mb / 17P
   Dual-Band 802.11a-g-n-ac Wireless LAN
logo
SiGe Semiconductor, Inc...
SE2548A SIGE-SE2548A Datasheet
117Kb / 2P
   Dual Band 802.11a/b/g/n Wireless LAN Front End Preliminary Information
SE2547A SIGE-SE2547A Datasheet
104Kb / 2P
   Dual Band 802.11a/b/g/n Wireless LAN Front End Preliminary Information
logo
Skyworks Solutions Inc.
SE2593A20 SKYWORKS-SE2593A20_15 Datasheet
666Kb / 18P
   Dual-Band 802.11n Wireless LAN Front-End
logo
RF Micro Devices
RFFM4591 RFMD-RFFM4591 Datasheet
574Kb / 8P
   802.11a/n/ac FRONT END MODULE
logo
SiGe Semiconductor, Inc...
SE2545A23 SIGE-SE2545A23 Datasheet
105Kb / 2P
   Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2593A20 SIGE-SE2593A20 Datasheet
119Kb / 2P
   Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2595L SIGE-SE2595L Datasheet
118Kb / 2P
   Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2545A30 SIGE-SE2545A30 Datasheet
105Kb / 2P
   Dual Band 802.11n Wireless LAN Front End Preliminary Information
logo
Infineon Technologies A...
ADM8262 INFINEON-ADM8262 Datasheet
425Kb / 2P
   Wireless LAN 802.11a/b/g Controller
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com