Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY85806-11 Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SKY85806-11
Description  Dual-Band 802.11a/g/n/ac Wireless LAN Front End
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY85806-11 Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SKY85806-11_16 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY85806-11_16 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY85806-11_16 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY85806-11_16 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY85806-11_16 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY85806-11_16 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY85806-11_16 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY85806-11_16 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY85806-11_16 Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
DATA SHEET • SKY85806-11: DUAL-BAND 802.11a/g/n/ac WIRELESS LAN FRONT END
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
January 18, 2016 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203186F
Table 7. SKY85806-11 Electrical Specifications: AC Characteristics: 5 GHz Transmit Characteristics1
(VCC = 3.3 V, Control States 9 or 18, TA = 25
C as Measured on the Evaluation Board, All Unused Ports are Terminated with 50 Ω,
Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Minimum
Typical
Maximum
Units
Frequency range
f
5150
5900
MHz
Error vector magnitude
EVM
MCS9, 40 MHz, POUT
≤ +14 dBm
MCS9, 40 MHz, POUT
≤ +15 dBm
MCS7, 40 MHz, POUT
≤ +16.5 dBm
–39
–37
–33
–37
–35
–31
dB
dB
dB
802.11ac mask
Mask 11ac
POUT =+20 dBm, HT20 to HT80, MCS0,
RBW = 100 kHz, BVW = 30 kHz
Compliant
Small signal gain:
Standard
Variation over band
S21
S21
S21
∆S21
∆S21
5150 MHz
5700 MHz
5875 MHz
5150 MHz to 5700 MHz
5700 MHz to 5875 MHz
+26.5
+26.5
+26.5
–0.8
–0.75
+32
+32
+32
+0.8
+0.75
dB
dB
dB
dB
dB
VCO gain:
Gain at ½ reference
Gain at reference
S211.6
S213.2
1640 MHz to 1942 MHz
3280.0 MHz to 3883.3 MHz
+12
–1.5
dB
dB
Reverse isolation
S12
–40
–45
dB
Harmonics
2f
3f
POUT = ≤ +20 dBm, 802.11a/ac/n, all data rates
5.1 to 5.3 GHz
5.3 to 5.9 GHz
–46
–49
–50
–45.5
–46.5
dBm/MHz
dBm/MHz
dBm/MHz
Delay and rise and fall time
tDR, tDF
50% of VEN edge to 10%/90% of final ANT power:
State 6 to state 4, 5, 9, or 10
State 7 or 8 to state 4, 5, 9, or 10
State 4, 5, 9, or 10 to state 6
350
350
350
500
500
500
ns
ns
ns
Return loss:
Input
Output
S11
S22
–5
–8.5
dB
dB
Stability
STAB
CW, POUT = +20 dBm, 0.1 GHz to 21.0 GHz,
Load VSWR = 10:1
All non-harmonically related outputs
< –42 dBm/MHz
Ruggedness
RU
Tg = +12 dBm, ANT load varies over 10:1 VSWR
No irreversible damage
1 Performance is guaranteed only under the conditions listed in this table.


Similar Part No. - SKY85806-11_16

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY85806-11 SKYWORKS-SKY85806-11 Datasheet
1Mb / 17P
   Dual-Band 802.11a-g-n-ac Wireless LAN
More results

Similar Description - SKY85806-11_16

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY85806-11 SKYWORKS-SKY85806-11 Datasheet
1Mb / 17P
   Dual-Band 802.11a-g-n-ac Wireless LAN
logo
SiGe Semiconductor, Inc...
SE2548A SIGE-SE2548A Datasheet
117Kb / 2P
   Dual Band 802.11a/b/g/n Wireless LAN Front End Preliminary Information
SE2547A SIGE-SE2547A Datasheet
104Kb / 2P
   Dual Band 802.11a/b/g/n Wireless LAN Front End Preliminary Information
logo
Skyworks Solutions Inc.
SE2593A20 SKYWORKS-SE2593A20_15 Datasheet
666Kb / 18P
   Dual-Band 802.11n Wireless LAN Front-End
logo
RF Micro Devices
RFFM4591 RFMD-RFFM4591 Datasheet
574Kb / 8P
   802.11a/n/ac FRONT END MODULE
logo
SiGe Semiconductor, Inc...
SE2545A23 SIGE-SE2545A23 Datasheet
105Kb / 2P
   Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2593A20 SIGE-SE2593A20 Datasheet
119Kb / 2P
   Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2595L SIGE-SE2595L Datasheet
118Kb / 2P
   Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2545A30 SIGE-SE2545A30 Datasheet
105Kb / 2P
   Dual Band 802.11n Wireless LAN Front End Preliminary Information
logo
Infineon Technologies A...
ADM8262 INFINEON-ADM8262 Datasheet
425Kb / 2P
   Wireless LAN 802.11a/b/g Controller
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com