Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY81298-24 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY81298-24
Description  2.4 A Three-Channel Flash LED Driver with Control Interface
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY81298-24 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY81298-24 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY81298-24 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY81298-24 Datasheet HTML 3Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PRODUCT SUMMARY • SKY81298: 2.4 A THREE-CHANNEL FLASH LED DRIVER WITH I2C CONTROL INTERFACE
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
August 31, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203693A
White
Flash LED
Amber
Flash LED
White LED
(can be used
as indicator)
Selfie Flash/Indicator
Dual Rear Flash
GND
PGND
L1
1.0
µH
CIN
4.7
µF
COUT
4.7
µF
SKY81298
SW
IN
OUT
FL1
FL2
FL3
FLEN 1
VIN
Flash 1 Enable
Flash Inhibit
SDA
I2C Serial Data Input
SCL
I2C Serial Clock Input
FLEN 2
FLINH
Flash 2 Enable
EN
Device Enable
t0691
Figure 1a. SKY81298 Typical Application Diagram for Dual Rear Flash and Front Selfie Flash
White
Flash LED
Amber
Flash LED
Neutral
Flash LED
Tri-Tone Rear Flash
GND
PGND
L1
1.0
µH
CIN
4.7
µF
COUT
4.7
µF
SKY81298
SW
IN
OUT
FL1
FL2
FL3
FLEN 1
VIN
Flash 1 Enable
Flash Inhibit
SDA
I2C Serial Data Input
SCL
I2C Serial Clock Input
FLEN 2
FLINH
Flash 2 Enable
EN
Device Enable
t0692
Figure 1b. SKY81298 Typical Application Diagram for Tri-tone Rear Flash


Similar Part No. - SKY81298-24

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY81299 SKYWORKS-SKY81299 Datasheet
166Kb / 3P
   2.4 A Two-Channel Flash LED Driver with Control Interface
SKY81299-11 SKYWORKS-SKY81299-11 Datasheet
166Kb / 3P
   2.4 A Two-Channel Flash LED Driver with Control Interface
SKY81299-12 SKYWORKS-SKY81299-12 Datasheet
166Kb / 3P
   2.4 A Two-Channel Flash LED Driver with Control Interface
SKY81299-13 SKYWORKS-SKY81299-13 Datasheet
166Kb / 3P
   2.4 A Two-Channel Flash LED Driver with Control Interface
SKY81299-14 SKYWORKS-SKY81299-14 Datasheet
166Kb / 3P
   2.4 A Two-Channel Flash LED Driver with Control Interface
More results

Similar Description - SKY81298-24

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY81299 SKYWORKS-SKY81299 Datasheet
166Kb / 3P
   2.4 A Two-Channel Flash LED Driver with Control Interface
logo
Kinetic Technologies.
KTD2683B KINETIC-KTD2683B Datasheet
106Kb / 2P
   Three-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2686 KINETIC-KTD2686 Datasheet
101Kb / 2P
   Three-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
logo
SHENZHEN FUMAN ELECTRON...
TC26723 FUMAN-TC26723 Datasheet
124Kb / 4P
   Three-channel LED driver control chip
logo
Analog Devices
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
   1.0 A LED Flash Driver with I2C-Compatible Interface
Rev. 0
logo
Kinetic Technologies.
KTD2684 KINETIC-KTD2684 Datasheet
105Kb / 2P
   Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2688 KINETIC-KTD2688 Datasheet
109Kb / 2P
   Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2682 KINETIC-KTD2682 Datasheet
105Kb / 2P
   Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com