Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY81299-12 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY81299-12
Description  2.4 A Two-Channel Flash LED Driver with Control Interface
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY81299-12 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY81299-12 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY81299-12 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY81299-12 Datasheet HTML 3Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203795A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • December 8, 2015
1
PRODUCT SUMMARY
SKY81299: 2.4 A Two-Channel Flash LED Driver
with I2C Control Interface
Applications
 LED photo flash with Movie/Torch mode
 Dual LED flash with color compensation
 “Selfie” flash for front-facing camera (PIP enabled)
 Smartphones/tablets
Features
 Input voltage range: 2.5 V to 5.5 V
 Each channel can program to 1.5 A with 12 mA programming
step size; up to 2.4 A total combined output current
 > 90% LED efficiency at 250 mA
(3.3 V < VIN < 3.6 V, VF = 3.3 V);
> 85% LED efficiency at 1 A
(3.4 V< VIN < 3.9 V, VF = 3.3 V)
 2.75 MHz switching frequency
 Soft-start and input current limit
 Separate flash enable/flash inhibit
 Programmable blinking LED notification
 Industry standard 1 MHz I2C programming
 Flash and Movie mode current
 Input voltage monitor with programmable thresholds
 Current read-back in input voltage monitor operation
 Programmable safety timer
 Fault read back
 Fault protection
 Integrated safety timer
 Over-voltage (open LED, open circuit)
 Short circuit
 Over-temperature protection
 Flash mode input voltage monitor
 Open-drain fault output
 −40 C to +85 C temperature range
 Small WLCSP (16-bump, 1.903  1.903  0.605 mm, 0.4 mm
pitch) package (MSL1, 260
C per JEDEC J-STD-020)
Description
The SKY81299 is a high-efficiency, 2.4 A high-current boost
converter with two independently programmable constant current
outputs. The device is intended for LED photo flash/facial
recognition and “selfie” front-facing camera flash applications in
all single-cell Li-ion powered portable products.
The SKY81299 maintains the flash LED output current using a
DC-DC step-up converter with a bypass function to maximize
efficiency under all load conditions. The flash current for each
channel can be programmed up to 1.5 A at 12 mA step. The
device uses a common cathode (current source) topology to allow
a direct flash LED cathode connection to the ground plane which
facilitates LED heat dissipation. The total combined output current
for flash outputs is 2.4 A.
The high-frequency 2.75 MHz DC-DC boost switching frequency
allows the use of a small external inductor and output capacitor,
which makes the SKY81299 ideally suited for small battery-
powered applications. A startup control circuit automatically
senses the flash LED forward voltage at any programmed output
current setting and determines the most efficient operation mode.
An industry standard I2C digital interface is used to program the
SKY81299 LED Flash and Movie modes. Device operations are
fully configurable; Movie and Flash current level, current limits,
and fault reporting are managed through I2C. Also included are
separate flash enable inputs to initiate the flash operation and a
flash inhibit input either to reduce the flash current to Movie-
mode levels or to shut off the flash current during high battery
demand conditions.
The SKY81299 is available in a small 1.903
 1.903  0.605 mm,
16-bump Wafer-Level Chip Scale (WLCSP) package.
A typical application circuit is shown in Figure 1.
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to
Skyworks
Definition of GreenTM, document number
SQ04–0074.


Similar Part No. - SKY81299-12

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY81298 SKYWORKS-SKY81298 Datasheet
259Kb / 3P
   2.4 A Three-Channel Flash LED Driver with Control Interface
SKY81298-11 SKYWORKS-SKY81298-11 Datasheet
259Kb / 3P
   2.4 A Three-Channel Flash LED Driver with Control Interface
SKY81298-12 SKYWORKS-SKY81298-12 Datasheet
259Kb / 3P
   2.4 A Three-Channel Flash LED Driver with Control Interface
SKY81298-13 SKYWORKS-SKY81298-13 Datasheet
259Kb / 3P
   2.4 A Three-Channel Flash LED Driver with Control Interface
SKY81298-14 SKYWORKS-SKY81298-14 Datasheet
259Kb / 3P
   2.4 A Three-Channel Flash LED Driver with Control Interface
More results

Similar Description - SKY81299-12

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY81298 SKYWORKS-SKY81298 Datasheet
259Kb / 3P
   2.4 A Three-Channel Flash LED Driver with Control Interface
logo
Kinetic Technologies.
KTD2684 KINETIC-KTD2684 Datasheet
105Kb / 2P
   Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2688 KINETIC-KTD2688 Datasheet
109Kb / 2P
   Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2682 KINETIC-KTD2682 Datasheet
105Kb / 2P
   Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
logo
Analog Devices
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
   1.0 A LED Flash Driver with I2C-Compatible Interface
Rev. 0
logo
Kinetic Technologies.
KTD2683B KINETIC-KTD2683B Datasheet
106Kb / 2P
   Three-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2686 KINETIC-KTD2686 Datasheet
101Kb / 2P
   Three-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
logo
Monolithic Power System...
MP3332 MPS-MP3332 Datasheet
1Mb / 27P
   Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com