Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZC3P300AA01B00 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # TZC3P300AA01B00
Description  Can be reflow and flow
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TZC3P300AA01B00 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  TZC3P300AA01B00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TZC3P300AA01B00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TZC3P300AA01B00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
TZC3P300AA01B00
Specifications
Shape
SMD
Operating Temperature Range
-
25
to
85
Thickness
1.6mm
Thickness Tolerance
±0.1
Rated Voltage
100Vdc
Cmin.(max.)
6.5pF
Cmax.
30pF
Adjustment Direction
Top
Soldering Method
Reflow
Soldering Iron
TC
N1200±500ppm/
Q
300min. at 1MHz, Cmax.
Withstanding Voltage
220Vdc
Insulation Resistance(min.)
10000MΩ
Torque
1.5 to 9.8mNm
Stator/Case Color
Black
Mass
0.05g
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/06/15


Similar Part No. - TZC3P300AA01B00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZC3P300AA01B00 MURATA1-TZC3P300AA01B00 Datasheet
245Kb / 3P
   Improve setting condition for adjusting tool by employing a big plus driver slot.
Last updated06/17/2022
TZC3P300AA01B00 MURATA1-TZC3P300AA01B00_V01 Datasheet
245Kb / 3P
   Improve setting condition for adjusting tool by employing a big plus driver slot.
Last updated06/17/2022
More results

Similar Description - TZC3P300AA01B00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZB4Z030AA10R00 MURATA-TZB4Z030AA10R00 Datasheet
195Kb / 3P
   Can be reflow and flow
TZB4Z030AB10B00 MURATA-TZB4Z030AB10B00 Datasheet
191Kb / 3P
   Can be reflow and flow
TZB4Z030AB10R01 MURATA-TZB4Z030AB10R01 Datasheet
191Kb / 3P
   Can be reflow and flow
TZB4Z060AA10R00 MURATA-TZB4Z060AA10R00 Datasheet
197Kb / 3P
   Can be reflow and flow
TZB4Z060BA10R00 MURATA-TZB4Z060BA10R00 Datasheet
201Kb / 3P
   Can be reflow and flow
TZB4Z250AB10B00 MURATA-TZB4Z250AB10B00 Datasheet
191Kb / 3P
   Can be reflow and flow
TZB4Z250BA10B00 MURATA-TZB4Z250BA10B00 Datasheet
190Kb / 3P
   Can be reflow and flow
TZB4Z060AB10R01 MURATA-TZB4Z060AB10R01 Datasheet
200Kb / 3P
   Can be reflow and flow
TZB4Z060BB10R01 MURATA-TZB4Z060BB10R01 Datasheet
197Kb / 3P
   Can be reflow and flow
TZB4Z250AA10B00 MURATA-TZB4Z250AA10B00 Datasheet
191Kb / 3P
   Can be reflow and flow
TZB4Z250BB10B00 MURATA-TZB4Z250BB10B00 Datasheet
190Kb / 3P
   Can be reflow and flow
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com