Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PYB10-Q48-S3 Datasheet(PDF) 3 Page - CUI INC

Part # PYB10-Q48-S3
Description  DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PYB10-Q48-S3 Datasheet(HTML) 3 Page - CUI INC

  PYB10-Q48-S3 Datasheet HTML 1Page - CUI INC PYB10-Q48-S3 Datasheet HTML 2Page - CUI INC PYB10-Q48-S3 Datasheet HTML 3Page - CUI INC PYB10-Q48-S3 Datasheet HTML 4Page - CUI INC PYB10-Q48-S3 Datasheet HTML 5Page - CUI INC PYB10-Q48-S3 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PYB10-T & PYB10-U │ DESCRIPTION: DC-DC CONVERTER
date
08/16/2013 │ page 3 of 6
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-40
85
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
5
95
%
case temperature
at full load, Ta=71°C
105
°C
vibration
10~55 Hz for 30 min. along X, Y and Z axis
10
G
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
chassis mount: 76.0 x 31.5 x 21.2
U-Frame: 52.32 x 54.99 x 19.05
mm
mm
case material
aluminum alloy
weight
chassis mount
U-Frame
44
58
g
g
MECHANICAL DRAWING
PIN CONNECTIONS
PIN
Single
Output
Dual
Output
1
CTRL
CTRL
2
GND
GND
3
Vin
Vin
40V
-Vo
5NC
0V
6
+Vo
+Vo
units: mm[inch]
tolerance: ±0.5[±0.020]
Wire range: 24~12 AWG
CHASSIS MOUNT
1
2
3
4
5
6
Top View
Front View
units: mm[inch]
tolerance: ±0.5[±0.020]
Wire range: 22~14 AWG
DIN rail mounting kit available
(part# STK-DIN)
U-FRAME
4.75 0.187
(2 PLCS)
9.16 0.361
0.010
34.01 1.339
0.010
20.32 0.800
0.010 (2 PLCS)
12
3
4
0.138
(2 PLCS)
3.51
52.32 2.060
52.99 2.086
0.158
0.010 (TYP)
(TYP)
0.039
1.00
4.01
19.05 0.750
0.079 X 0.157
[2.01 X 3.99]
(2 PLCS)
33.02 1.300
0.010 (2 PLCS)
5.31
M3X4
(5 PLCS)
0.010
34.93 1.375
(2 PLCS)
0.205
12.19 0.480
5.21
54.99 2.165
0.010 (2 PLCS)
0.433
(5 PLCS)
0.209
10.99
R1.76 0.069
(2 PLCS)
Top View
Front View
Bottom View
56
7
8
PIN CONNECTIONS
PIN
Single
Output
Dual
Output
1
GND
GND
2
Vin
Vin
3
CTRL
CTRL
4
Case
Case
5NC
NC
6
+Vo
+Vo
7NC
0V
80V
-Vo
For more information, please visit the product page.


Similar Part No. - PYB10-Q48-S3

ManufacturerPart #DatasheetDescription
logo
CUI INC
PYB10-Q48-S3 CUI-PYB10-Q48-S3 Datasheet
263Kb / 6P
   DC-DC CONVERTER
PYB10-Q48-S3 CUI-PYB10-Q48-S3 Datasheet
342Kb / 6P
   DC-DC CONVERTER
PYB10-Q48-S3 CUI-PYB10-Q48-S3 Datasheet
415Kb / 6P
   DC-DC CONVERTER
01/15/2021
PYB10-Q48-S3 CUI-PYB10-Q48-S3 Datasheet
932Kb / 6P
   DC-DC CONVERTER
07/22/2021
PYB10-Q48-S3-DIN CUI-PYB10-Q48-S3-DIN Datasheet
285Kb / 6P
   DC-DC CONVERTER
More results

Similar Description - PYB10-Q48-S3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com