Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PYB15-Q24-S12 Datasheet(PDF) 7 Page - CUI INC

Part # PYB15-Q24-S12
Description  DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PYB15-Q24-S12 Datasheet(HTML) 7 Page - CUI INC

  PYB15-Q24-S12 Datasheet HTML 1Page - CUI INC PYB15-Q24-S12 Datasheet HTML 2Page - CUI INC PYB15-Q24-S12 Datasheet HTML 3Page - CUI INC PYB15-Q24-S12 Datasheet HTML 4Page - CUI INC PYB15-Q24-S12 Datasheet HTML 5Page - CUI INC PYB15-Q24-S12 Datasheet HTML 6Page - CUI INC PYB15-Q24-S12 Datasheet HTML 7Page - CUI INC PYB15-Q24-S12 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
cui.com
CUI Inc
│ SERIES: PYB15-T & PYB15-U │ DESCRIPTION: DC-DC CONVERTER
date 06/15/2015
│ page 7 of 8
1. Recommended circuit
This series has been tested according to the following recommended testing circuit before leaving the factory. This series should be
tested under load (see Figure 2). If you want to further decrease the input/output ripple, you can increase the capacitance accord-
ingly or choose capacitors with low ESR (see Table 2). However, the capacitance of the output filter capacitor must be appropriate. If
the capacitance is too high, a startup problem might arise. For every channel of the output, to ensure safe and reliable operation, the
maximum capacitance must be less than the maximum capacitive load (see Table 3).
2. Output voltage trimming
Leave open if not used.
Application Circuit for Trim pin
Formula for Trim Resistor
(part in broken line is the interior of models)
Note: Value for R1, R2, R3, and Vref refer to Table 4
R
T: Trim Resistor
a: User-defined parameter, no actual meanings
Vo': The trim up/down voltage
APPLICATION NOTES
Figure 2
Figure 3
Table 2
Table 3
Table 4
Single Vout
(Vdc)
Cin
(µF)
Cout
(µF)
Dual Vout
(Vdc)
Cin
(µF)
Cout1
(µF)
3.3
100
470
--
--
--
5
100
470
±5
100
220
12
100
220
±12
100
100
15
100
220
±15
100
100
24
100
100
--
--
--
Vout
(Vdc)
R1
(kΩ)
R2
(kΩ)
R3
(kΩ)
Vref
(V)
3.3
4.801
2.863
15
1.24
5
2.883
2.864
10
2.5
12
10.971 2.864 17.8
2.5
15
14.497 2.864 17.8
2.5
24
24.872 2.863
20
2.5
Note:
1. Minimum load shouldn't be less than 5%, otherwise ripple may increase dramatically. Operation under minimum load will not damage the converter, however, they may
not meet all specifications listed.
2. Maximum capacitive load is tested at input voltage range and full load.
3. All specifications are measured at Ta=25°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
+Vo
0V
R2
R1
R3
Vref
RT
Trim
0V
R2
R1
R3
Vref
RT
Trim
+Vo
Trim up
Trim down
DC
DC
Vin
GND
+Vo
0V
Cin
Cout
Vin
GND
+Vo
0V
Cin
Cout
DC
DC
-Vo
Cout
Dual Output
Single Output
a
-a
R 2
a
R 1
R2
-a
R1
-R3
-R3
:
a=
Vref
Vref
Vo’ - Vref
Vo’ - Vref
R1
R=
T
:
a=
R2
R=
T
up
down
Note:
1. For each output.
Note:
1. For each output.
Single Vout
(Vdc)
Max. Capacitive Load
(μF)
Dual Vout
(Vdc)
Max. Capacitive Load1
(μF)
3.3
10200
--
--
5
4020
5
4800
12
1035
12
800
15
705
15
500
24
470
--
--
For more information, please visit the product page.


Similar Part No. - PYB15-Q24-S12

ManufacturerPart #DatasheetDescription
logo
CUI INC
PYB15-Q24-S12 CUI-PYB15-Q24-S12 Datasheet
469Kb / 7P
   DC-DC CONVERTER
PYB15-Q24-S12 CUI-PYB15-Q24-S12 Datasheet
800Kb / 8P
   DC-DC CONVERTER
PYB15-Q24-S12 CUI-PYB15-Q24-S12 Datasheet
1Mb / 7P
   DC-DC CONVERTER
08/18/2021
PYB15-Q24-S12 CUI-PYB15-Q24-S12 Datasheet
1Mb / 8P
   DC-DC CONVERTER
08/18/2021
PYB15-Q24-S12-DIN CUI-PYB15-Q24-S12-DIN Datasheet
834Kb / 7P
   DC-DC CONVERTER
More results

Similar Description - PYB15-Q24-S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com