Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEA102500LT-6307A1 Datasheet(PDF) 1 Page - TDK Electronics

Part # DEA102500LT-6307A1
Description  Multilayer Chip Low Pass Filters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DEA102500LT-6307A1 Datasheet(HTML) 1 Page - TDK Electronics

  DEA102500LT-6307A1 Datasheet HTML 1Page - TDK Electronics DEA102500LT-6307A1 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(1/2)
001-02 / 20130901 / rf_lpf_dea102500lt-6307a1_en.fm
• All specifications are subject to change without notice.
Multilayer Chip Low Pass Filters
For Bluetooth & 2.4GHz W-LAN
DEA Series DEA102500LT-6307A1
SHAPES AND DIMENSIONS
RECOMMENDED PC BOARD PATTERNS
ELECTRICAL CHARACTERISTICS
Item
Minimum value
Typical value
Maximum value
Insertion loss
[25°C]
[2400 to 2500MHz]
(dB)
0.33
0.45
[–40 to +85°C]
[2400 to 2500MHz]
(dB)
0.55
Attenuation
[4800 to 5000MHz]
(dB)
21.0
26.0
[7200 to 7500MHz]
(dB)
21.0
24.2
VSWR
[2400 to 2500MHz]
1.21
1.7
Temperature range
Operating
(°C)
–40
+85
Storage
(°C)
–40
+85
Conformity to RoHS Directive
Dimensions in mm
0.1
±0.05
0.35
±0.1
2
4
3
1
0.3
±0.1
0.4max.
1.0
±0.05
1IN
2
GND
3
OUT
4
GND
Terminal functions
Dimensions in mm
Land
0.3 0.2
0.7
0.45
Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and
specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - DEA102500LT-6307A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA102025LT-6313A1 TDK-DEA102025LT-6313A1 Datasheet
70Kb / 6P
   Multilayer Low Pass Filter
DEA102450BT-1278A2 TDK-DEA102450BT-1278A2 Datasheet
71Kb / 6P
   Multilayer Band Pass Filter
DEA102700LT-6307A2 TDK-DEA102700LT-6307A2 Datasheet
69Kb / 6P
   Multilayer Low Pass Filter
More results

Similar Description - DEA102500LT-6307A1

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NGFL NIC-NGFL Datasheet
395Kb / 6P
   Multilayer Chip Low Pass Filters
logo
TDK Electronics
DEA161990LT-1180A1 TDK-DEA161990LT-1180A1 Datasheet
53Kb / 3P
   Multilayer Low Pass Filters
DEA160915LT-1169 TDK-DEA160915LT-1169 Datasheet
52Kb / 3P
   Multilayer Low Pass Filters
DEA165850LT-1197B2 TDK-DEA165850LT-1197B2 Datasheet
51Kb / 3P
   Multilayer Low Pass Filters
logo
NIC-Components Corp.
NGFP NIC-NGFP Datasheet
412Kb / 7P
   Multilayer Chip Band Pass Filters
logo
TDK Electronics
DEA252450BT-2109C3 TDK-DEA252450BT-2109C3_16 Datasheet
64Kb / 2P
   Multilayer Chip Band Pass Filters
DEA252450BT-2037C1 TDK-DEA252450BT-2037C1_16 Datasheet
51Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-1271A3 TDK-DEA162450BT-1271A3 Datasheet
59Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-2139A1 TDK-DEA162450BT-2139A1 Datasheet
49Kb / 2P
   Multilayer Chip Band Pass Filters
DEA205787BT-2048C1 TDK-DEA205787BT-2048C1 Datasheet
55Kb / 2P
   Multilayer Chip Band Pass Filters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com