Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39212B8571P810 Datasheet(PDF) 5 Page - TDK Electronics

Part # B39212B8571P810
Description  SAW Components SAW Duplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39212B8571P810 Datasheet(HTML) 5 Page - TDK Electronics

  B39212B8571P810 Datasheet HTML 1Page - TDK Electronics B39212B8571P810 Datasheet HTML 2Page - TDK Electronics B39212B8571P810 Datasheet HTML 3Page - TDK Electronics B39212B8571P810 Datasheet HTML 4Page - TDK Electronics B39212B8571P810 Datasheet HTML 5Page - TDK Electronics B39212B8571P810 Datasheet HTML 6Page - TDK Electronics B39212B8571P810 Datasheet HTML 7Page - TDK Electronics B39212B8571P810 Datasheet HTML 8Page - TDK Electronics B39212B8571P810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
September 11, 2012
B8571
1732.5 / 2132.5 MHz
SAW Components
SAW Duplexer
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics for W-CDMA Band 4
Temperature range for specification:
T
= –15 ˚C to +80 ˚C
Antenna terminating impedance:
ZANT=50 Ω || 2.4nH
RX terminating impedance:
ZRX = 100 Ω (balanced) || 11nH
TX terminating impedance:
ZTX =50 Ω
B8571
Characterisitcs Antenna - Rx
min.
typ.
@ 25 ˚C
max.
Attenuation
α
1.0
...
400.0
MHz
57
70
dB
400.0
... 1310.0
MHz
40
70
dB
1310.0
... 1355.0
MHz
43
68
dB
1355.0
... 1710.0
MHz
35
51
dB
@fCarrier 1712.4 ... 1752.6 MHz αWCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction”). Please refer to annotation on page (10).
45
63
dB
1755.0
... 1910.0
MHz
15
52
dB
1910.0
... 1955.0
MHz
35
57
dB
1955.0
... 2025.0
MHz
15
39
dB
2240.0
... 2300.0
MHz
15
38
dB
2300.0
... 2400.0
MHz
30
46
dB
2400.0
... 2496.0
MHz
40
45
dB
2496.0
... 2690.0
MHz
40
54
dB
2690.0
... 3300.0
MHz
35
48
dB
3300.0
... 3800.0
MHz
45
56
dB
3820.0
... 3910.0
MHz
40
56
dB
3910.0
... 4220.0
MHz
35
55
dB
4220.0
... 4310.0
MHz
40
54
dB
4310.0
... 5150.0
MHz
35
50
dB
5150.0
... 5850.0
MHz
40
44
dB
5850.0
... 6475.0
MHz
35
43
dB


Similar Part No. - B39212B8571P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39212B8517P810 TDK-B39212B8517P810 Datasheet
214Kb / 13P
   SAW Components SAW Duplexer
B39212B8524P810 TDK-B39212B8524P810 Datasheet
274Kb / 18P
   SAW Components SAW Duplexer
B39212B8563P810 TDK-B39212B8563P810 Datasheet
238Kb / 17P
   SAW Components SAW Duplexer
More results

Similar Description - B39212B8571P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39202B8522P810 TDK-B39202B8522P810 Datasheet
347Kb / 13P
   SAW Components SAW Duplexer
B39212B8524P810 TDK-B39212B8524P810 Datasheet
274Kb / 18P
   SAW Components SAW Duplexer
B39202B8607P810 TDK-B39202B8607P810 Datasheet
210Kb / 12P
   SAW Components SAW Duplexer
B39202B8618P810 TDK-B39202B8618P810 Datasheet
350Kb / 13P
   SAW Components SAW Duplexer
B39212B8651P810 TDK-B39212B8651P810 Datasheet
388Kb / 17P
   SAW Components SAW Duplexer
B39851B8581P810 TDK-B39851B8581P810 Datasheet
229Kb / 12P
   SAW Components SAW Duplexer
B39741B4407P810 TDK-B39741B4407P810 Datasheet
182Kb / 11P
   SAW Components SAW Duplexer
B39851B8633P810 TDK-B39851B8633P810 Datasheet
178Kb / 12P
   SAW Components SAW Duplexer
B39791B7929P810 TDK-B39791B7929P810 Datasheet
197Kb / 11P
   SAW Components SAW Duplexer
B39741B8526P810 TDK-B39741B8526P810 Datasheet
239Kb / 15P
   SAW Components SAW Duplexer
B39741B8570P810 TDK-B39741B8570P810 Datasheet
225Kb / 13P
   SAW Components SAW Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com