Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTL550NS08-T52 Datasheet(PDF) 7 Page - CT Micro International Corporation

Part # CTL550NS08-T52
Description  N-Channel Enhancement MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTL550NS08-T52 Datasheet(HTML) 7 Page - CT Micro International Corporation

Back Button CTL550NS08-T52 Datasheet HTML 3Page - CT Micro International Corporation CTL550NS08-T52 Datasheet HTML 4Page - CT Micro International Corporation CTL550NS08-T52 Datasheet HTML 5Page - CT Micro International Corporation CTL550NS08-T52 Datasheet HTML 6Page - CT Micro International Corporation CTL550NS08-T52 Datasheet HTML 7Page - CT Micro International Corporation CTL550NS08-T52 Datasheet HTML 8Page - CT Micro International Corporation CTL550NS08-T52 Datasheet HTML 9Page - CT Micro International Corporation CTL550NS08-T52 Datasheet HTML 10Page - CT Micro International Corporation CTL550NS08-T52 Datasheet HTML 11Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 7
Jun, 2015
CTL550NS08-T52
N-Channel Enhancement MOSFET
Test Circuits & Waveforms
Figure 9: Gate Charge Test Circuit
Figure 10: Gate Charge Waveform
Figure 11: Switching Time Test Circuit
Figure 12: Switching Time Waveform


Similar Part No. - CTL550NS08-T52

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTL505NS10-T52 CTMICRO-CTL505NS10-T52 Datasheet
811Kb / 11P
   N-Channel Enhancement MOSFET
logo
Chip Integration Techno...
CTL5100MASG CITC-CTL5100MASG Datasheet
508Kb / 4P
   5A Trench Schottky Rectifier
More results

Similar Description - CTL550NS08-T52

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
   N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7200N SECOS-SSP7200N_15 Datasheet
209Kb / 2P
   N-Channel Enhancement MOSFET
SSP7450N SECOS-SSP7450N Datasheet
702Kb / 4P
   N-Channel Enhancement MOSFET
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
   N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
   N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
   N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
logo
DONGGUAN YOU FENG WEI E...
2N7002 YFWDIODE-2N7002 Datasheet
433Kb / 3P
   N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com