Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9451GQW Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9451GQW
Description  Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9451GQW Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9451GQW Datasheet HTML 5Page - Richtek Technology Corporation RT9451GQW Datasheet HTML 6Page - Richtek Technology Corporation RT9451GQW Datasheet HTML 7Page - Richtek Technology Corporation RT9451GQW Datasheet HTML 8Page - Richtek Technology Corporation RT9451GQW Datasheet HTML 9Page - Richtek Technology Corporation RT9451GQW Datasheet HTML 10Page - Richtek Technology Corporation RT9451GQW Datasheet HTML 11Page - Richtek Technology Corporation RT9451GQW Datasheet HTML 12Page - Richtek Technology Corporation RT9451GQW Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
RT9451
9
DS9451-00
September 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input High Threshold Level
1.2
--
--
V
Input Bias Current (SCL, SDA,
INT)
I(bias)
VIO = 1.8V
--
--
1
μA
SCL Clock Frequency
fSCL
--
--
400
kHz
Oscillator
Oscillator Frequency
fOSC
--
375
--
kHz
Frequency Accuracy
−10
--
10
%
Thermal Shutdown
Thermal Shutdown Threshold
TSD
--
165
--
°C
Thermal Shutdown Hysteresis
ΔT
SD
--
10
--
°C
Note 1. Stresses beyond those listed
“Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7. θJC is
measured at the exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.


Similar Part No. - RT9451GQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9451GQW RICHTEK-RT9451GQW Datasheet
319Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger
More results

Similar Description - RT9451GQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451_17 Datasheet
319Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger
RT9458 RICHTEK-RT9458 Datasheet
244Kb / 27P
   Switch-Mode Single Cell Li-Ion Battery Charger
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Richtek Technology Corp...
RT9460 RICHTEK-RT9460 Datasheet
359Kb / 33P
   Switch-Mode Single Cell Li-Ion Charger
logo
Texas Instruments
BQ24160A TI1-BQ24160A_16 Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Fairchild Semiconductor
FAN54010 FAIRCHILD-FAN54010 Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN54015 FAIRCHILD-FAN54015 Datasheet
1Mb / 34P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com